Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT86-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86-Q1
Description  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT86-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMT86-Q1 Datasheet HTML 4Page - Texas Instruments LMT86-Q1 Datasheet HTML 5Page - Texas Instruments LMT86-Q1 Datasheet HTML 6Page - Texas Instruments LMT86-Q1 Datasheet HTML 7Page - Texas Instruments LMT86-Q1 Datasheet HTML 8Page - Texas Instruments LMT86-Q1 Datasheet HTML 9Page - Texas Instruments LMT86-Q1 Datasheet HTML 10Page - Texas Instruments LMT86-Q1 Datasheet HTML 11Page - Texas Instruments LMT86-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (ºC)
-4
-3
-2
-1
0
1
2
3
4
LMT86, LMT86-Q1
SNIS169C – MARCH 2013 – REVISED OCTOBER 2015
www.ti.com
7.8 Typical Characteristics
Figure 1. Temperature Error vs Temperature
Figure 2. Minimum Operating Temperature vs
Supply Voltage
Figure 3. Supply Current vs Temperature
Figure 4. Supply Current vs Supply Voltage
Figure 5. Load Regulation, Sourcing Current
Figure 6. Load Regulation, Sinking Current
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LMT86 LMT86-Q1


Similar Part No. - LMT86-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT86-Q1 TI-LMT86-Q1 Datasheet
1,013Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86-Q1 TI1-LMT86-Q1 Datasheet
982Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86-Q1 TI1-LMT86-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results

Similar Description - LMT86-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT87_017 TI1-LMT87_017 Datasheet
1Mb / 29P
[Old version datasheet]   2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
LMT86DCKT TI1-LMT86DCKT Datasheet
982Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com