Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT86DCKT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86DCKT
Description  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT86DCKT Datasheet(HTML) 4 Page - Texas Instruments

  LMT86DCKT Datasheet HTML 1Page - Texas Instruments LMT86DCKT Datasheet HTML 2Page - Texas Instruments LMT86DCKT Datasheet HTML 3Page - Texas Instruments LMT86DCKT Datasheet HTML 4Page - Texas Instruments LMT86DCKT Datasheet HTML 5Page - Texas Instruments LMT86DCKT Datasheet HTML 6Page - Texas Instruments LMT86DCKT Datasheet HTML 7Page - Texas Instruments LMT86DCKT Datasheet HTML 8Page - Texas Instruments LMT86DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
VDD
GND
VDD
OUT
GND
VDD
OUT
GND
LMT86
GND
OUT
VDD
VDD
GND
4
5
1
2
3
LMT86, LMT86-Q1
SNIS169C – MARCH 2013 – REVISED OCTOBER 2015
www.ti.com
6 Pin Configuration and Functions
3-Pin TO-92
LPM Package
5-Pin SOT (SC70)
DCK Package
(TOP VIEW)
3-Pin TO-92
LP Package
Pin Functions
PIN
DESCRIPTION
DCK
LP
LPC
LABEL
TYPE
EQUIVALENT CIRCUIT
FUNCTION
NUMBER
NUMBER
NUMBER
VDD
5
Power
Power Supply Voltage
GND
1
Ground
Power Supply Ground
Analog
Outputs a voltage which is inversely
OUT
3
Output
proportional to temperature
See Pin
See Pin
Diagrams
Diagrams
VDD
4
Power
Positive Supply Voltage
GND
2
Ground
Power Supply Ground, (direct
connection to the back side of the
die)
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LMT86 LMT86-Q1


Similar Part No. - LMT86DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT86DCKT TI1-LMT86DCKT Datasheet
982Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86DCKT TI1-LMT86DCKT Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results

Similar Description - LMT86DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT87_017 TI1-LMT87_017 Datasheet
1Mb / 29P
[Old version datasheet]   2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
LMT86DCKT TI1-LMT86DCKT Datasheet
982Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com