Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV602 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV602
Description  LMV601/LMV602/LMV604 1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV602 Datasheet(HTML) 3 Page - Texas Instruments

  LMV602 Datasheet HTML 1Page - Texas Instruments LMV602 Datasheet HTML 2Page - Texas Instruments LMV602 Datasheet HTML 3Page - Texas Instruments LMV602 Datasheet HTML 4Page - Texas Instruments LMV602 Datasheet HTML 5Page - Texas Instruments LMV602 Datasheet HTML 6Page - Texas Instruments LMV602 Datasheet HTML 7Page - Texas Instruments LMV602 Datasheet HTML 8Page - Texas Instruments LMV602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LMV601, LMV602, LMV604
www.ti.com
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
2.7V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
VOS
Input Offset Voltage
LMV601
0.25
4
mV
LMV602/LMV604
0.55
5
TCVOS
Input Offset Voltage Average
1.7
µV/°C
Drift
IB
Input Bias Current
0.02
pA
IOS
Input Offset Current
6.6
fA
IS
Supply Current
Per Amplifier
100
170
μA
Shutdown Mode, VSD = 0V
45pA
1
μA
(LMV601)
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.7V
80
dB
0V
≤ VCM ≤ 1.6V
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
82
dB
VCM
Input Common Mode Voltage
For CMRR
≥ 50dB
−0.2 to 1.9
0
1.7
V
(Range)
AV
Large Signal Voltage Gain
RL = 10kΩ to 1.35V
113
dB
VO
Output Swing
RL = 10kΩ to 1.35V
5.0
30
mV
30
5.3
IO
Output Short Circuit Current
Sourcing
32
LMV601/LMV602
Sourcing
mA
24
LMV604
Sinking
24
ton
Turn-on Time from Shutdown
(LMV601)
5
μs
VSD
Shutdown Pin Voltage Range
ON Mode (LMV601)
1.7 to 2.7
2.4 to 2.7
V
Shutdown Mode (LMV601)
0 to 1
0 to 0.8
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No assurance of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV601 LMV602 LMV604


Similar Part No. - LMV602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV602MA TI1-LMV602MA Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV602MA/NOPB TI1-LMV602MA/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   LMV60x 1-MHz, Low-Power, General-Purpose, 2.7-V Operational Amplifiers
logo
National Semiconductor ...
LMV602MANOPB NSC-LMV602MANOPB Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
logo
Texas Instruments
LMV602MAX TI1-LMV602MAX Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
More results

Similar Description - LMV602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
National Semiconductor ...
LMV601 NSC-LMV601 Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
logo
Texas Instruments
LMV601 TI1-LMV601_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMV60x 1-MHz, Low-Power, General-Purpose, 2.7-V Operational Amplifiers
LMV612 TI1-LMV612 Datasheet
1Mb / 28P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
STMicroelectronics
LMV321LICT STMICROELECTRONICS-LMV321LICT Datasheet
642Kb / 20P
   Low-power, general-purpose operational amplifiers
logo
National Semiconductor ...
LMV611 NSC-LMV611 Datasheet
1Mb / 28P
   Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Rohm
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com