Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV824-N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV824-N
Description  LMV82x Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV824-N Datasheet(HTML) 1 Page - Texas Instruments

  LMV824-N Datasheet HTML 1Page - Texas Instruments LMV824-N Datasheet HTML 2Page - Texas Instruments LMV824-N Datasheet HTML 3Page - Texas Instruments LMV824-N Datasheet HTML 4Page - Texas Instruments LMV824-N Datasheet HTML 5Page - Texas Instruments LMV824-N Datasheet HTML 6Page - Texas Instruments LMV824-N Datasheet HTML 7Page - Texas Instruments LMV824-N Datasheet HTML 8Page - Texas Instruments LMV824-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMV821-N, LMV822-N, LMV822-N-Q1, LMV824-N, LMV824-N-Q1
SNOS032H – AUGUST 1999 – REVISED APRIL 2014
LMV82x Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
1 Features
3 Description
The LMV821/LMV822/LMV824 bring performance
1
(For Typical, 5 V Supply Values; Unless
and economy to low voltage / low power systems.
Otherwise Noted)
With a 5 MHz unity-gain frequency and a specified
LMV822-Q1 and LMV824-Q1 are available in
1.4 V/µs slew rate, the quiescent current is only 220
Automotive AEC-Q100 Grade 1 version
µA/amplifier (2.7 V). They provide rail-to-rail (R-to-R)
output swing into heavy loads (600
Ω Guarantees).
LMV824 available with extended temperature
The input common-mode voltage range includes
range to 125°C
ground, and the maximum input offset voltage is 3.5
Ultra Tiny, SC70-5 Package 2.0 x 2.0 x 1.0 mm
mV (Specified). They are also capable of comfortably
Specified 2.5 V, 2.7 V and 5 V Performance
driving large capacitive loads (refer to the application
Maximum VOS 3.5 mV (specified)
notes section).
VOS Temp. Drift 1 uV/°C
The LMV821 (single) is available in the ultra tiny
SC70-5 package, which is about half the size of the
GBW product @ 2.7 V 5 MHz
previous
title
holder,
the
SOT23-5.
The
ISupply @ 2.7 V 220 μA/Amplifier
LMV824NDGV
is
specified
over
the
extended
Minimum SR 1.4 V/us (Specifiedd)
industrial temp range and is in a TVSOP package.
CMRR 90 dB
Overall,
the
LMV821/LMV822/LMV824
PSRR 85 dB
(Single/Dual/Quad) are low voltage, low power,
VCM @ 5 V -0.3 V to 4.3 V
performance op amps, that can be designed into a
wide range of applications, at an economical price.
Rail-to-Rail (R-to-R) Output Swing
@600
Ω Load 160 mV from rail
Device Information(1)
@10 k
Ω Load 55 mV from rail
DEVICE NAME
PACKAGE
BODY SIZE
Stable with Capacitive Loads (Refer to Application
SOT23 (5)
2.92 mm x 1.60 mm
LMV821-N
Section)
SC70 (5)
2.00 mm x 1.25 mm
SOIC (8)
4.90 mm x 3.91 mm
2 Applications
LMV822-N
VSSOP (8)
3.00 mm x 3.00 mm
Cordless Phones
LMV822-N-Q1
VSSOP (8)
3.00 mm x 3.00 mm
Cellular Phones
SOIC (14)
8.65 mm x 3.91 mm
LMV824-N
Laptops
TSSOP (14)
5.00 mm x 4.40 mm
PDAs
LMV824-N-Q1
TSSOP (14)
5.00 mm x 4.40 mm
LMV824I
TVSOP (14)
4.40 mm x 3.60 mm
PCMCIA
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
Telephone Line Transceiver for PCMCIA Modem Card
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMV824-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV824-N TI1-LMV824-N Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV824-N TI1-LMV824-N Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV824-N-Q1 TI1-LMV824-N-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV824-N-Q1 TI1-LMV824-N-Q1 Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
More results

Similar Description - LMV824-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV821-N TI1-LMV821-N_16 Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821 TI1-LMV821 Datasheet
1Mb / 26P
[Old version datasheet]   Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
National Semiconductor ...
LMV821 NSC-LMV821 Datasheet
1Mb / 24P
   Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
LMX321 MAXIM-LMX321_06 Datasheet
509Kb / 15P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
MAX410 MAXIM-MAX410_08 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Linear Technology
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com