Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1014D-EP Datasheet(PDF) 1 Page - Texas Instruments

Part # LT1014D-EP
Description  QUAD PRECISION OPERATIONAL AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014D-EP Datasheet(HTML) 1 Page - Texas Instruments

  LT1014D-EP_15 Datasheet HTML 1Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 2Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 3Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 4Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 5Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 6Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 7Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 8Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OUT
1IN-
1IN+
VCC+
2IN+
2IN-
2OUT
NC
4OUT
4IN-
4IN+
VCC- /GND
3IN+
3IN-
3OUT
NC
DW PACKAGE
(TOP VIEW)
DESCRIPTION
LT1014D-EP
www.ti.com ........................................................................................................................................................................................... SLOS609 – DECEMBER 2008
QUAD PRECISION OPERATIONAL AMPLIFIER
AND MEDICAL APPLICATIONS
• Single-Supply Operation:
• Controlled Baseline
Input Voltage Range Extends to Ground, and
Output Swings to Ground While Sinking
• One Assembly/Test Site
Current
• One Fabrication Site
• Input Offset Voltage 300 mV Max at 25°C
• Available in Military (–55°C/125°C)
Temperature Range(1)
• Offset Voltage Temperature Coefficient
• Extended Product Life Cycle
2.5
µV/°C Max
• Extended Product-Change Notification
• Input Offset Current 1.5 nA Max at 25°C
• Product Traceability
• High Gain 1.2 V/µV Min (R
L = 2 kΩ),
0.5 V/
µV Min (R
L = 600 Ω)
• Low Supply Current 2.2 mA Max at 25°C
• Low Peak-to-Peak Noise Voltage
0.55
µV Typ
• Low Current Noise 0.07 pA/√Hz Typ
(1)
Additional temperature ranges are available - contact factory
The LT1014D is a quad precision operational amplifier with 14-pin industry-standard configuration. It features low
offset-voltage temperature coefficient, high gain, low supply current, and low noise.
The LT1014D can be operated with both dual ±15-V and single 5-V power supplies. The common-mode input
voltage range includes ground, and the output voltage can also swing to within a few milivolts of ground.
Crossover distortion is eliminated.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 125°C
SIOC-DW
Reel of 2000
LT1014DMDWREP
LT1014DMEP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LT1014D-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP Datasheet
630Kb / 21P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIER
LT1014D-EP TI1-LT1014D-EP Datasheet
1Mb / 35P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - LT1014D-EP_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5134883 INTERSIL-HA-5134883 Datasheet
123Kb / 5P
   Precision Quad Operational Amplifier
logo
Linear Technology
RH1014M LINER-RH1014M_15 Datasheet
115Kb / 6P
   Quad Precision Operational Amplifier
logo
STMicroelectronics
TS514 STMICROELECTRONICS-TS514_05 Datasheet
248Kb / 10P
   Precision Quad Operational Amplifier
logo
Linear Technology
RH1014M LINER-RH1014M Datasheet
196Kb / 8P
   Quad Precision Operational Amplifier
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP Datasheet
630Kb / 21P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5134 INTERSIL-HA-5134 Datasheet
963Kb / 9P
   4MHz, Precision, Quad Operational Amplifier
August 1998
HA-5134 INTERSIL-HA-5134_01 Datasheet
872Kb / 9P
   4MHz, Precision, Quad Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
[Old version datasheet]   Quad Micropower, 1.6V, Precision, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com