Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM94022 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM94022
Description  1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM94022 Datasheet(HTML) 5 Page - Texas Instruments

  LM94022 Datasheet HTML 1Page - Texas Instruments LM94022 Datasheet HTML 2Page - Texas Instruments LM94022 Datasheet HTML 3Page - Texas Instruments LM94022 Datasheet HTML 4Page - Texas Instruments LM94022 Datasheet HTML 5Page - Texas Instruments LM94022 Datasheet HTML 6Page - Texas Instruments LM94022 Datasheet HTML 7Page - Texas Instruments LM94022 Datasheet HTML 8Page - Texas Instruments LM94022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM94022, LM94022-Q1
www.ti.com
SNIS140F – MAY 2006 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
Unless otherwise noted, these specifications apply for VDD = 1.5 V to 5.5 V; all limits TA = TJ = 25°C unless otherwise
specified. These limits do not include DC load regulation. These stated accuracy limits are with reference to the values in the
Table 2.
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
ACCURACY CHARACTERISTICS
TA = +20°C to +40°C;
–1.5
1.5
°C
VDD = 1.5 V to 5.5 V
TA = +0°C to +70°C;
–1.8
1.8
°C
VDD = 1.5 V to 5.5 V
TA = +0°C to +90°C;
–2.1
2.1
°C
VDD = 1.5 V to 5.5 V
GS1 = 0
GS0 = 0
TA = +0°C to +120°C;
–2.4
2.4
°C
VDD = 1.5 V to 5.5 V
TA = +0°C to +150°C;
–2.7
2.7
°C
VDD = 1.5 V to 5.5 V
TA = −50°C to +0°C;
–1.8
1.8
°C
VDD = 1.6 V to 5.5 V
TA = +20°C to +40°C;
–1.5
1.5
°C
VDD = 1.8 V to 5.5 V
TA = +0°C to +70°C;
–1.8
1.8
°C
VDD = 1.9 V to 5.5 V
TA = +0°C to +90°C;
–2.1
2.1
°C
VDD = 1.9 V to 5.5 V
GS1 = 0
GS0 = 1
TA = +0°C to +120°C;
–2.4
2.4
°C
VDD = 1.9 V to 5.5 V
TA = +0°C to +150°C;
–2.7
2.7
°C
VDD = 1.9 V to 5.5 V
TA = −50°C to +0°C;
–1.8
1.8
°C
VDD = 2.3 V to 5.5 V
Temperature Error(3)
TA = +20°C to +40°C;
–1.5
1.5
°C
VDD = 2.2 V to 5.5 V
TA = +0°C to +70°C;
–1.8
1.8
°C
VDD = 2.4 V to 5.5 V
TA = +0°C to +90°C;
–2.1
2.1
°C
VDD = 2.4 V to 5.5 V
GS1 = 1
GS0 = 0
TA = +0°C to +120°C;
–2.4
2.4
°C
VDD = 2.4 V to 5.5 V
TA = +0°C to +150°C;
–2.7
2.7
°C
VDD = 2.4 V to 5.5 V
TA = −50°C to +0°C;
–1.8
1.8
°C
VDD = 3.0 V to 5.5 V
TA = +20°C to +40°C;
–1.5
1.5
°C
VDD = 2.7 V to 5.5 V
TA = +0°C to +70°C;
–1.8
1.8
°C
VDD = 3.0 V to 5.5 V
TA = +0°C to +90°C;
–2.1
2.1
°C
VDD = 3.0 V to 5.5 V
GS1 = 1
GS0 = 1
TA = +0°C to +120°C;
–2.4
2.4
°C
VDD = 3.0 V to 5.5 V
TA = 0°C to +150°C;
–2.7
2.7
°C
VDD = 3.0 V to 5.5 V
TA = −50°C to +0°C;
–1.8
1.8
°C
VDD = 3.6 V to 5.5 V
(1)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(2)
Limits are warrantied to TI's AOQL (Average Outgoing Quality Level).
(3)
Accuracy is defined as the error between the measured and reference output voltages, tabulated in the Transfer Table at the specified
conditions of supply gain setting, voltage, and temperature (expressed in °C). Accuracy limits include line regulation within the specified
conditions. Accuracy limits do not include load regulation; they assume no DC load.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM94022 LM94022-Q1


Similar Part No. - LM94022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94022 NSC-LM94022 Datasheet
964Kb / 16P
   1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
LM94022BIMG NSC-LM94022BIMG Datasheet
964Kb / 16P
   1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
LM94022BIMGX NSC-LM94022BIMGX Datasheet
964Kb / 16P
   1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
LM94022QBIMG NSC-LM94022QBIMG Datasheet
964Kb / 16P
   1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
LM94022QBIMGX NSC-LM94022QBIMGX Datasheet
964Kb / 16P
   1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
More results

Similar Description - LM94022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94022 NSC-LM94022 Datasheet
964Kb / 16P
   1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
logo
SG Micro Corp
SGM447 SGMICRO-SGM447 Datasheet
451Kb / 6P
   1.5V Dual-Gain Analog Temperature Sensor with Class-AB Output
NOVEMBER 2022 - REV. A
logo
Texas Instruments
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
logo
National Semiconductor ...
LM94023 NSC-LM94023 Datasheet
403Kb / 16P
   1.5V, micro SMD, Dual-Gain Analog Temperature Sensor with Class AB Output
logo
Texas Instruments
LM94023 TI-LM94023_15 Datasheet
919Kb / 19P
[Old version datasheet]   1.5V, micro SMD, Dual-Gain Analog Temperature Sensor with Class AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com