Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFC6605R-TR Datasheet(PDF) 1 Page - ON Semiconductor

Part # EFC6605R-TR
Description  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EFC6605R-TR Datasheet(HTML) 1 Page - ON Semiconductor

  EFC6605R-TR Datasheet HTML 1Page - ON Semiconductor EFC6605R-TR Datasheet HTML 2Page - ON Semiconductor EFC6605R-TR Datasheet HTML 3Page - ON Semiconductor EFC6605R-TR Datasheet HTML 4Page - ON Semiconductor EFC6605R-TR Datasheet HTML 5Page - ON Semiconductor EFC6605R-TR Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
32714 TKIM TC-00003101 No.A2302-1/6
Semiconductor Components Industries, LLC, 2014
March, 2014
http://onsemi.com
EFC6605R
Features
• 2.5V drive
• Common-drain type
• Protection diode in
• 2KV ESD HBM
• Halogen free compliance
Applications
• Lithium-ion battery charging and discharging switch
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Value
Unit
Source to Source Voltage
VSSS
20
V
Gate to Source Voltage
VGSS
±10
V
Source Current (DC)
IS
10
A
Source Current (Pulse)
ISP
PW
≤10μs, duty cycle≤1%
60
A
Total Dissipation
PT
When mounted on ceramic substrate (5000mm
2×0.8mm)
1.6
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
- 55 to +150
°C
Thermal Resistance Ratings
Parameter
Symbol
Value
Unit
Junction to Ambient
R
θJA
78.1
°C /W
When mounted on ceramic substrate (5000mm
2×0.8mm)
Electrical Characteristics at Ta
= 25°C
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Source to Source Breakdown Voltage
V(BR)SSS
IS=1mA, VGS=0V
Test Circuit 1
20
V
Zero-Gate Voltage Source Current
ISSS
VSS=20V, VGS=0V
Test Circuit 1
1
μA
Gate to Source Leakage Current
IGSS
VGS=±8V, VSS=0V
Test Circuit 2
±1.0
μA
Gate Threshold Voltage
VGS(th)
VSS10V, IS=1mA
Test Circuit 3
0.5
1.3
V
Forward Transconductance
gFS
VSS=10V, IS=3A
Test Circuit 4
11.4
S
Static Source to Source On-State
Resistance
RSS(on)1
IS=3A, VGS=4.5V
Test Circuit 5
8.8
11.1
13.3
m
Ω
RSS(on)2
IS=3A, VGS=4.0V
Test Circuit 5
9.1
11.4
13.7
m
Ω
RSS(on)3
IS=3A, VGS=3.8V
Test Circuit 5
9.3
11.6
13.9
m
Ω
RSS(on)4
IS=3A, VGS=3.1V
Test Circuit 5
10.0
12.5
15.6
m
Ω
RSS(on)5
IS=3A, VGS=2.5V
Test Circuit 5
11.1
13.9
17.4
m
Ω
Continued on next page.
Ordering number : ENA2302
N-Channel Power MOSFET
20V, 10A, 13.3mΩ, Dual EFCP
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.


Similar Part No. - EFC6605R-TR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EFC6601R SANYO-EFC6601R Datasheet
422Kb / 8P
   Lithium-ion battery charging and discharging switch
logo
ON Semiconductor
EFC6601R ONSEMI-EFC6601R Datasheet
324Kb / 8P
   N-Channel Power MOSFET
July, 2013
EFC6601R-TR ONSEMI-EFC6601R-TR Datasheet
324Kb / 8P
   N-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
EFC6602R SANYO-EFC6602R Datasheet
421Kb / 8P
   Lithium-ion battery charging and discharging switch
logo
ON Semiconductor
EFC6602R ONSEMI-EFC6602R Datasheet
323Kb / 8P
   N-Channel Power MOSFET 12V, 18A, 5.9m廓, Dual EFCP
July, 2013
More results

Similar Description - EFC6605R-TR

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com