Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW276 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FW276
Description  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FW276 Datasheet(HTML) 2 Page - ON Semiconductor

  FW276 Datasheet HTML 1Page - ON Semiconductor FW276 Datasheet HTML 2Page - ON Semiconductor FW276 Datasheet HTML 3Page - ON Semiconductor FW276 Datasheet HTML 4Page - ON Semiconductor FW276 Datasheet HTML 5Page - ON Semiconductor FW276 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FW276
No.A2289-2/6
Continued from preceding page.
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Turn-ON Delay Time
td(on)
See Fig.1
7
ns
Rise Time
tr
10
ns
Turn-OFF Delay Time
td(off)
15
ns
Fall Time
tf
46
ns
Total Gate Charge
Qg
VDS=200V, VGS=10V, ID=0.7A
3.7
nC
Gate to Source Charge
Qgs
1
nC
Gate to Drain “Miller” Charge
Qgd
1.6
nC
Diode Forward Voltage
VSD
IS=0.7A, VGS=0V
0.85
1.2
V
Reverse Recovery Time
trr
See Fig.2
76
ns
Reverse Recovery Charge
Qrr
IS=0.7A, VGS=0V, di/dt=100A/μs
210
nC
Fig.1 Switching Time Test Circuit
Fig.2 Reverse Recovery Time Test Circuit
VDD
FW276
L
Driver MOSFET
G
S
D


Similar Part No. - FW276

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW274 SANYO-FW274 Datasheet
284Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - FW276

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com