Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP6914AFCAT1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP6914AFCAT1G
Description  5 Channel PMIC: 1 DCDC Converter and 4 LDOs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6914AFCAT1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP6914AFCAT1G Datasheet HTML 6Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 7Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 8Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 9Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 10Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 11Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 12Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 13Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
NCP6914
http://onsemi.com
10
TYPICAL OPERATING CHARACTERISTICS
Figure 12. Load Transient Response of DCDC
Converter (PWM Mode, Vin = 3.6 V − Vout = 1.2 V)
Figure 13. DCDC Soft−Start
(Inrush Current, Vin = 3.6 V − Vout = 1.2 V)
Figure 14. LDO1 Load Transient Response
(Vin = 3.6 V − Vout = 1.8 V)
Figure 15. LDO3 Load Transient Response


Similar Part No. - NCP6914AFCAT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP691 ONSEMI-NCP691 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP691 ONSEMI-NCP691 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP6915 ONSEMI-NCP6915 Datasheet
325Kb / 24P
   6 Channels PMIC
August, 2014 ??Rev. 3
NCP6915AFCCLT1G ONSEMI-NCP6915AFCCLT1G Datasheet
325Kb / 24P
   6 Channels PMIC
August, 2014 ??Rev. 3
NCP691MN15T2G ONSEMI-NCP691MN15T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
More results

Similar Description - NCP6914AFCAT1G

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
   關PMIC with 5 DCDC and 2 LDOs
logo
Micrel Semiconductor
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
   Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
   Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
logo
ams AG
AS3722 AMSCO-AS3722 Datasheet
3Mb / 198P
   Multi-Phase DCDC Controller PMIC
2015-Sep-07
logo
Texas Instruments
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6593-Q1 TI-TPS6593-Q1 Datasheet
3Mb / 132P
[Old version datasheet]   TPS6593-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Automotive Applications
logo
Shenzhen X-Powers Techn...
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
   Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
logo
Infineon Technologies A...
IR3846 INFINEON-IR3846 Datasheet
2Mb / 55P
   DCDC Converter
Rev 3.5 Feb 05, 2016
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
   Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com