Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDD60N745U1T4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NDD60N745U1T4G
Description  N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDD60N745U1T4G Datasheet(HTML) 1 Page - ON Semiconductor

  NDD60N745U1T4G Datasheet HTML 1Page - ON Semiconductor NDD60N745U1T4G Datasheet HTML 2Page - ON Semiconductor NDD60N745U1T4G Datasheet HTML 3Page - ON Semiconductor NDD60N745U1T4G Datasheet HTML 4Page - ON Semiconductor NDD60N745U1T4G Datasheet HTML 5Page - ON Semiconductor NDD60N745U1T4G Datasheet HTML 6Page - ON Semiconductor NDD60N745U1T4G Datasheet HTML 7Page - ON Semiconductor NDD60N745U1T4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
December, 2013 − Rev. 0
1
Publication Order Number:
NDD60N745U1/D
NDD60N745U1
N-Channel Power MOSFET
600 V, 745 mW
Features
100% Avalanche Tested
These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
ABSOLUTE MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
600
V
Gate−to−Source Voltage
VGS
±25
V
Continuous Drain
Current RqJC
Steady
State
TC = 25°C
ID
6.6
A
TC = 100°C
4.2
Power Dissipation
– RqJC
Steady
State
TC = 25°C
PD
84
W
Pulsed Drain
Current
tp = 10 ms
IDM
27
A
Operating Junction and Storage
Temperature
TJ,
TSTG
−55 to
+150
°C
Source Current (Body Diode)
IS
6.6
A
Single Pulse Drain−to−Source Avalanche
Energy (ID = 2.5 A)
EAS
38
mJ
Peak Diode Recovery (Note 1)
dv/dt
15
V/ns
Lead Temperature for Soldering Leads
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. ISD < 6.6 A, di/dt ≤ 400 A/ms, VDS peak ≤ V(BR)DSS, VDD = 80% V(BR)DSS
THERMAL RESISTANCE
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
NDD60N745U1
RqJC
1.5
°C/W
Junction−to−Ambient Steady State
(Note 3)
NDD60N745U1
(Note 2)
NDD60N745U1−1
(Note 2)
NDD60N745U1−35
RqJA
47
98
95
°C/W
2. Insertion mounted
3. Surface mounted on FR4 board using 1″ sq. pad size
(Cu area = 1.127 in sq [2 oz] including traces)
http://onsemi.com
See detailed ordering and shipping information on page 3 of
this data sheet.
ORDERING INFORMATION
V(BR)DSS
RDS(ON) MAX
600 V
745 mW @ 10 V
N−Channel MOSFET
D (2)
S (3)
G (1)
1
23
4
IPAK
CASE 369D
STYLE 2
DPAK
CASE 369C
STYLE 2
1 2
3
4
IPAK
CASE 369AD
STYLE 2
1 2
3
4


Similar Part No. - NDD60N745U1T4G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDD60N745U1 ISC-NDD60N745U1 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
NDD60N745U1-1 ISC-NDD60N745U1-1 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDD60N745U1T4G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com