Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVD6495NL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVD6495NL
Description  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD6495NL Datasheet(HTML) 3 Page - ON Semiconductor

  NVD6495NL Datasheet HTML 1Page - ON Semiconductor NVD6495NL Datasheet HTML 2Page - ON Semiconductor NVD6495NL Datasheet HTML 3Page - ON Semiconductor NVD6495NL Datasheet HTML 4Page - ON Semiconductor NVD6495NL Datasheet HTML 5Page - ON Semiconductor NVD6495NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVD6495NL
http://onsemi.com
3
0
5
10
15
20
25
30
35
40
45
01
23
45
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
TJ = 25°C
VGS = 10 V
5 V
4 V
3.6 V
3.4 V
3.2 V
3.0 V
2.8 V
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
VDS w 10 V
TJ = 125°C
TJ = −55°C
TJ = 25°C
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Region versus Gate Voltage
0.040
0.042
0.044
0.046
0.048
0.050
5
10
152025
ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain
Current and Gate Voltage
VGS = 4.5 V
VGS = 10 V
TJ = 25°C
0.5
1.0
1.5
2.0
2.5
3.0
−50
−25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
ID = 23 A
VGS = 4.5 V
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
100
1000
10000
10
20
30
40
50
60
70
80
90 100
TJ = 125°C
VGS = 0 V
TJ = 150°C
0
5
10
15
20
25
30
35
40
45
123
4
0.040
0.042
0.044
0.046
0.048
0.050
2345
6789
10
ID = 23 A
TJ = 25°C


Similar Part No. - NVD6495NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD6414AN ONSEMI-NVD6414AN Datasheet
147Kb / 7P
   N-Channel Power MOSFET 100 V, 32 A, 37 m
October, 2011 ??Rev. 1
NVD6414ANT4G ONSEMI-NVD6414ANT4G Datasheet
147Kb / 7P
   N-Channel Power MOSFET 100 V, 32 A, 37 m
October, 2011 ??Rev. 1
NVD6414ANT4G ONSEMI-NVD6414ANT4G Datasheet
107Kb / 7P
   N-Channel Power MOSFET
September, 2014 ??Rev. 2
NVD6415AN ONSEMI-NVD6415AN Datasheet
238Kb / 8P
   MOSFET – Power, N-Channel 100 V, 23 A, 55 m
June, 2019 - Rev. 2
NVD6415ANL ONSEMI-NVD6415ANL Datasheet
127Kb / 6P
   N-Channel Power MOSFET 100 V, 23 A, 56 m Logic Level
October, 2011 ??Rev. 1
More results

Similar Description - NVD6495NL

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com