Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFT1440 Datasheet(PDF) 4 Page - ON Semiconductor

Part # SFT1440
Description  N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SFT1440 Datasheet(HTML) 4 Page - ON Semiconductor

  SFT1440 Datasheet HTML 1Page - ON Semiconductor SFT1440 Datasheet HTML 2Page - ON Semiconductor SFT1440 Datasheet HTML 3Page - ON Semiconductor SFT1440 Datasheet HTML 4Page - ON Semiconductor SFT1440 Datasheet HTML 5Page - ON Semiconductor SFT1440 Datasheet HTML 6Page - ON Semiconductor SFT1440 Datasheet HTML 7Page - ON Semiconductor SFT1440 Datasheet HTML 8Page - ON Semiconductor SFT1440 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SFT1440
No. A1816-4/9
IT15885
0
20
40
60
80
100
120
140
160
0.2
0
0.4
0.6
0.8
1.0
1.2
Ambient Temperature, Ta --
°C
PD -- Ta
No
heat
sink
PD -- Tc
Case Temperature, Tc --
°C
IT15886
25
20
15
10
5
0
0
20
40
60
80
100
120
140
160


Similar Part No. - SFT1440

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SFT1440 SANYO-SFT1440 Datasheet
357Kb / 4P
   General-Purpose Switching Device Applications
logo
VBsemi Electronics Co.,...
SFT1440 VBSEMI-SFT1440 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
SFT1440-E VBSEMI-SFT1440-E Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
SFT1440-H VBSEMI-SFT1440-H Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - SFT1440

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com