Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG200CJ Datasheet(PDF) 3 Page - Harris Corporation

Part # DG200CJ
Description  CMOS Dual/Quad SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

DG200CJ Datasheet(HTML) 3 Page - Harris Corporation

  DG200CJ Datasheet HTML 1Page - Harris Corporation DG200CJ Datasheet HTML 2Page - Harris Corporation DG200CJ Datasheet HTML 3Page - Harris Corporation DG200CJ Datasheet HTML 4Page - Harris Corporation DG200CJ Datasheet HTML 5Page - Harris Corporation DG200CJ Datasheet HTML 6Page - Harris Corporation DG200CJ Datasheet HTML 7Page - Harris Corporation DG200CJ Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9-15
Specifications DG200
Absolute Maximum Ratings
Thermal Information
V+, V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <36V
V+ - VD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <30V
VD - V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <30V
VD - VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <28V
VIN - GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <20V
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θ
JA
θ
JC
Ceramic DIP Package . . . . . . . . . . . . . . .
95oC/W
24oC/W
Plastic DIP Package . . . . . . . . . . . . . . . .
100oC/W
-
Metal Can Package . . . . . . . . . . . . . . . . .
136oC/W
65oC/W
Operating Temperature Range
“A” Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
“B” Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25oC to +85oC
“C” Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
(TA = +25
oC, V+ = +15V, V- = -15V)
PARAMETER
TEST CONDITIONS
MILITARY
COMMERCIAL / INDUSTRIAL
UNITS
-55oC
+25oC
+125oC
0oC TO
-25oC
+25oC
+70oC TO
+85oC
Input Logic Current,
IIN(ON)
VIN = 0.8V (Notes 2, 3)
±10
±1
±10
-
±10
±10
µA
Input Logic Current,
IN(OFF)
VIN = 2.4V (Notes 2, 3)
±10
±1
±10
-
±10
±10
µA
Drain-Source On Resis-
tance, rDS(ON)
IS = 10mA, VANALOG =
±10V
70
70
100
80
80
100
Channel-to-Channel
rDS(ON) Match, rDS(ON)
-
25 (Typ)
-
-
30 (Typ)
-
Minimum Analog Signal
Handling Capability,
VANALOG
-
±15V
-
-
±15V
-
V
Switch OFF Leakage
Current, ID(OFF)
VANALOG = -14V to +14V
-
±2
100
-
±5
100
nA
Switch OFF Leakage
Current, IS(OFF)
VANALOG = -14V to +14V
-
±2
100
-
±5
100
nA
Switch ON Leakage Cur-
rent, ID(ON) + IS(ON)
VD = VS = -14V to +14V
-
±2
200
-
±10
200
nA
Switch “ON” Time
(Note 1), tON
RL = 1kΩ, VANALOG =
-10V to +10V (Figure 5)
-
1.0
-
-
1.0
-
µs
Switch “OFF” Time, tOFF
RL = 1kΩ, VANALOG =
-10V to +10V (Figure 5)
-
0.5
-
-
0.5
-
µs
Charge Injection, Q(INJ.)
Figure 6
-
15 (Typ)
-
-
20 (Typ)
-
mV
Minimum Off Isolation
Rejection Ratio, OIRR
f = 1MHz, RL = 100Ω,
CL ≤ 5pF
(Figure 7, Note 1)
-
54 (Typ)
-
-
50 (Typ)
-
dB
+Power Supply
Quiescent Current, IV1
VIN = 0V or VIN = 5V
1000
1000
2000
1000
1000
2000
µA
-Power Supply
Quiescent Current, IV2
1000
1000
2000
1000
1000
2000
µA
Minimum Channel to
Channel Cross Coupling
Rejection Ratio, CCRR
One Channel Off
-
54 (Typ)
-
-
50 (Typ)
-
dB
NOTES:
1. Pull Down Resistor must be
≤ 2kΩ.
2. Typical values are for design aid only, not guaranteed and not subject to production testing.
3. All channels are turned off by high “1” logic inputs and all channels are turned on by low “0” inputs; however 0.8V to 2.4V describes the
minimum range for switching properly. Peak input current required for transition is typically -120
µA.


Similar Part No. - DG200CJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG200CJ INTERSIL-DG200CJ Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
More results

Similar Description - DG200CJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com