Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7201 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU7201
Description  C-MOS 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7201 Datasheet(HTML) 3 Page - New Japan Radio

  NJU7201 Datasheet HTML 1Page - New Japan Radio NJU7201 Datasheet HTML 2Page - New Japan Radio NJU7201 Datasheet HTML 3Page - New Japan Radio NJU7201 Datasheet HTML 4Page - New Japan Radio NJU7201 Datasheet HTML 5Page - New Japan Radio NJU7201 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NJU7201 Series
- 3 -
Ver.2003-07-23
+3.0V Version
CIN = Co = 0.1µF, Ta = 25°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN = 5.0V, IOUT = 10mA
2.85
3.00
3.15
V
Dropout Voltage
∆VIO
IOUT = 20mA
-
0.20
0.60
V
Input Voltage
VIN
-
-
12
V
Operating Current
IQ
VIN = 5.0V
-
19
30
µA
Load Regulation
∆VOUT / ∆IOUT
VIN = 5.0V, IOUT = 1~20mA
-
15
180
mV
Line Regulation
∆VOUT / (∆VIN・VOUT)
VIN = 4.0~12.0V
-
0.10
-
%/V
+3.2V Version
CIN = Co = 0.1µF, Ta = 25°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN = 5.2V, IOUT = 10mA
3.04
3.20
3.36
V
Dropout Voltage
∆VIO
IOUT = 20mA
-
0.20
0.60
V
Input Voltage
VIN
-
-
12
V
Operating Current
IQ
VIN = 5.0V
-
19
30
µA
Load Regulation
∆VOUT / ∆IOUT
VIN = 5.0V, IOUT = 1~20mA
-
-
180
mV
Line Regulation
∆VOUT / (∆VIN・VOUT)
VIN = 4.0~12.0V
-
0.10
-
%/V
+3.5V Version
CIN = Co = 0.1µF, Ta = 25°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN = 5.5V, IOUT = 10mA
3.325
3.500
3.675
V
Dropout Voltage
∆VIO
IOUT = 20mA
-
0.20
0.60
V
Input Voltage
VIN
-
-
12
V
Operating Current
IQ
VIN = 5.5V
-
19
30
µA
Load Regulation
∆VOUT / ∆IOUT
VIN = 5.5V, IOUT = 1~20mA
-
-
180
mV
Line Regulation
∆VOUT / (∆VIN・VOUT)
VIN = 4.5~12.0V
-
0.10
-
%/V
+4.0V Version
CIN = Co = 0.1µF, Ta = 25°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN = 6.0V, IOUT = 30mA
3.8
4.0
4.2
V
Dropout Voltage
∆VIO
IOUT = 40mA
-
0.30
0.60
V
Input Voltage
VIN
-
-
12
V
Operating Current
IQ
VIN = 6.0V
-
19
30
µA
Load Regulation
∆VOUT / ∆IOUT
VIN = 6.0V, IOUT = 1~40mA
-
-
120
mV
Line Regulation
∆VOUT / (∆VIN・VOUT)
VIN = 5.0~12.0V
-
0.10
-
%/V


Similar Part No. - NJU7201

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU72010 NJRC-NJU72010 Datasheet
204Kb / 15P
   2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJU72011 NJRC-NJU72011 Datasheet
205Kb / 15P
   2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJU72013 NJRC-NJU72013 Datasheet
174Kb / 10P
   2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJU72014 NJRC-NJU72014 Datasheet
179Kb / 10P
   2Vrms Ground Referenced Stereo Line Amplifier with LPF
More results

Similar Description - NJU7201

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7211 NJRC-NJU7211 Datasheet
199Kb / 4P
   C MOS 3 TERMINAL NEGATIVE VOLTAGE REGULATOR
NJU7221 NJRC-NJU7221 Datasheet
180Kb / 5P
   HIGH PRECISION C MOS 3 TERMINAL VOLTAGE REGULATOR
NJU7231 NJRC-NJU7231 Datasheet
127Kb / 5P
   High Precision C-MOS 3-Terminal Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com