Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C1024W-10SI-2.7 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24C1024W-10SI-2.7
Description  2-wire Serial EEPROM 1M (131,072 x 8)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C1024W-10SI-2.7 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24C1024W-10SI-2.7 Datasheet HTML 5Page - ATMEL Corporation AT24C1024W-10SI-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C1024W-10SI-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C1024W-10SI-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C1024W-10SI-2.7 Datasheet HTML 9Page - ATMEL Corporation AT24C1024W-10SI-2.7 Datasheet HTML 10Page - ATMEL Corporation AT24C1024W-10SI-2.7 Datasheet HTML 11Page - ATMEL Corporation AT24C1024W-10SI-2.7 Datasheet HTML 12Page - ATMEL Corporation AT24C1024W-10SI-2.7 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
AT24C1024
1471H–SEEPR–03/03
Device
Addressing
The 1024K EEPROM requires an 8-bit device address word following a start condition to
enable the chip for a read or write operation (refer to Figure 1). The device address word con-
sists of a mandatory one, zero sequence for the first five most significant bits as shown. This is
common to all 2-wire EEPROM devices.
The 1024K uses the one device address bit, A1, to allow up to two devices on the same bus.
The A1 bit must compare to the corresponding hardwired input pin. The A1 pin uses an inter-
nal proprietary circuit that biases it to a logic low condition if the pin is allowed to float.
The seventh bit (P
0) of the device address is a memory page address bit. This memory page
address bit is the most significant bit of the data word address that follows. The eighth bit of
the device address is the read/write operation select bit. A read operation is initiated if this bit
is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a zero. If a compare is not
made, the device will return to a standby state.
DATA SECURITY: The AT24C1024 has a hardware data protection scheme that allows the
user to write-protect the entire memory when the WP pin is at V
CC.
Write
Operations
BYTE WRITE: To select a data word in the 1024K memory requires a 17-bit word address.
The word address field consists of the P0 bit of the device address, then the most significant
word address followed by the least significant word address (refer to Figure 2)
A write operation requires the P0 bit and two 8-bit data word addresses following the device
address word and acknowledgment. Upon receipt of this address, the EEPROM will again
respond with a zero and then clock in the first 8-bit data word. Following receipt of the 8-bit
data word, the EEPROM will output a zero. The addressing device, such as a microcontroller,
then must terminate the write sequence with a stop condition. At this time the EEPROM enters
an internally timed write cycle, TWR, to the nonvolatile memory. All inputs are disabled during
this write cycle and the EEPROM will not respond until the write is complete (refer to Figure 2).
PAGE WRITE: The 1024K EEPROM is capable of 256-byte page writes.
A page write is initiated the same way as a byte write, but the microcontroller does not send a
stop condition after the first data word is clocked in. Instead, after the EEPROM acknowledges
receipt of the first data word, the microcontroller can transmit up to 255 more data words. The
EEPROM will respond with a zero after each data word received. The microcontroller must ter-
minate the page write sequence with a stop condition (refer to Figure 3).
The data word address lower 8 bits are internally incremented following the receipt of each
data word. The higher data word address bits are not incremented, retaining the memory page
row location. When the word address, internally generated, reaches the page boundary, the
following byte is placed at the beginning of the same page. If more than 256 data words are
transmitted to the EEPROM, the data word address will “roll over” and previous data will be
overwritten. The address “rollover” during write is from the last byte of the current page to the
first byte of the same page.
ACKNOWLEDGE POLLING: Once the internally timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a
start condition followed by the device address word. The read/write bit is representative of the
operation desired. Only if the internal write cycle has completed will the EEPROM respond
with a zero, allowing the read or write sequence to continue.


Similar Part No. - AT24C1024W-10SI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C1024W-10SU-2.7 ATMEL-AT24C1024W-10SU-2.7 Datasheet
391Kb / 18P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C1024W-10SI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
AT24CM01 ATMEL-AT24CM01 Datasheet
858Kb / 21P
   I2C-Compatible (2-wire) Serial EEPROM 1-Mbit (131,072 x 8)
AT24CM01-SHD ATMEL-AT24CM01-SHD Datasheet
885Kb / 21P
   I2C-Compatible (2-wire) Serial EEPROM 1-Mbit (131,072 x 8)
logo
Integrated Silicon Solu...
24C128 ISSI-24C128 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
logo
ATMEL Corporation
AT24C64B ATMEL-AT24C64B_07 Datasheet
352Kb / 16P
   2-Wire Serial EEPROM 64K (8192 x 8)
logo
Renesas Technology Corp
HN58W241000I RENESAS-HN58W241000I Datasheet
143Kb / 21P
   Two-wire serial interface 1M EEPROM (128-kword x 8-bit)
logo
ATMEL Corporation
AT25F1024A ATMEL-AT25F1024A_07 Datasheet
617Kb / 20P
   1Mbit High Speed SPI Serial Flash Memory 1M (131,072 x 8)
AT24C32A ATMEL-AT24C32A Datasheet
216Kb / 20P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32C ATMEL-AT24C32C_08 Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24CM02 ATMEL-AT24CM02 Datasheet
1Mb / 24P
   I2C-Compatible (2-wire) Serial EEPROM 2-Mbit (262,144 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com