Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL-EB12-16FK-R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RL-EB12-16FK-R1
Description  Easy installation with Eisberg mounting kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL-EB12-16FK-R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RL-EB12-16FK-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL-EB12-16FK-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL-EB12-16FK-R1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
German designed pump provides stable and
strong water pressure
JetStream Technology – provides turbo
injection of water inside the waterblock
Improved cold plate design:
- Large Micro Channel contact area
- 100% copper
- Fine cut Jet Plate
- Integrated pump and waterblock
Easy installation with Eisberg mounting kit
Eisberg is a German designed water cooling system
with outstanding cooling performance and great
durability. The Micro Channel Technology provides
more contact area between coolant and copper base
and improves cooling performance. The other unique
Jet Stream Technology offers turbo injection of water
inside the waterblock and provides optimal speed and
pressure of water flow.
Eisberg Prestige (solo)
Radiator
100% Copper
Cold Plate
100% Copper
Cold Plate Technology
JetStream enhanced
Bi-Directional Micro Channel
Tubing
10 / 8 mm – 16”/5,0” ID
+ Hose Wrap
Tubing Protection
11 (converted from 3.5" cages)
Pump
German designed Axial Rotor Pump
Pump Head Pressure
2.2 Meters
Pump Volume
400 Liters an hour
Detailed Pump Specs
Radiator
- Rotation Type : Axis
- Bearing Type: Ceramic Pipe and Axis
- Noise Level : <25 dBA
- Lifetime: 50,000 h
- Pump Rotor Speed : 3600 rpm @ 12VDC
- Safety Protections: Polarity, Blockade,
electric Protections
Eisberg Prestige/120L/240L
RL-EB24-16FK-R1
RL-EB12-16FK-R1
RL-EBSL-FLNN-R1
2 years
Features
Specifications
Package Information
Warranty
Product Code
RL-EBSL-FLNN-R1
EAN Code
4719512038697
UPC Code
884102018114
Package Dimensions
147x126x91 mm
(5.79x4.96x3.58 in)
Carton Dimensions
65.0x31.5x29.5cm
(25.59x12.4x11.61 in)
2.13 (Cu. ft)
Unit / Carton
30
Carton / Pallet
16
Weight GW/NW
16.11 KG / 15.30 KG


Similar Part No. - RL-EB12-16FK-R1

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL--2228-330 RENCO-RL--2228-330 Datasheet
1Mb / 2P
   PC MOUNT POWER INDUCTORS
logo
Recom International Pow...
RL-0505D RECOM-RL-0505D Datasheet
100Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
RL-0505DHP RECOM-RL-0505DHP Datasheet
100Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
RL-0505DP RECOM-RL-0505DP Datasheet
100Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
RL-0505S RECOM-RL-0505S Datasheet
100Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
More results

Similar Description - RL-EB12-16FK-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
   MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Laird Tech Smart Techno...
B1360W LSTD-B1360W Datasheet
891Kb / 2P
   Easy installation with optional NMO Mounts
logo
OptoSupply Internationa...
OSMSRGB-C5 OPTOSUPPLY-OSMSRGB-C5 Datasheet
371Kb / 4P
   Long life, easy installation
OSWPXX OPTOSUPPLY-OSWPXX Datasheet
321Kb / 3P
   Long life, easy installation
OSWMXX OPTOSUPPLY-OSWMXX Datasheet
325Kb / 3P
   Long life, easy installation
OSCAXX OPTOSUPPLY-OSCAXX Datasheet
71Kb / 4P
   Long life, easy installation
OSCTXX OPTOSUPPLY-OSCTXX Datasheet
106Kb / 5P
   Long life, easy installation
OSMFXX-C5 OPTOSUPPLY-OSMFXX-C5 Datasheet
414Kb / 4P
   Long life, easy installation
OSMTXX-C5 OPTOSUPPLY-OSMTXX-C5 Datasheet
286Kb / 4P
   Long life, easy installation
OSBAXX OPTOSUPPLY-OSBAXX Datasheet
61Kb / 3P
   Long life, easy Installation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com