Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL-S12X-24PK-R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RL-S12X-24PK-R1
Description  Closed loop design - requires zero maintenance for years.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL-S12X-24PK-R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RL-S12X-24PK-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL-S12X-24PK-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Closed loop design - requires zero
maintenance for years.
UltraFine Micro Channel waterblock
enlarge the contact surface between cold
plate and coolant.
Durable and powerful water pump –
dissipates heat effectively through stable
water circulation.
Performance 38mm thick radiator is
designed for handling high wattage
overclocked CPU.
Double 120mm PWM fan provides a wide
RPM range to fine tune and balance fan
noise and performance.
The Seidon 120XL is Cooler Master’s latest, incredibly
compact watercooling kit that aims to bring
watercooling to the masses. It comes factory filled,
sealed and tested with a two year zero maintenance
guarantee. The performance 38mm thick radiator is
designed for dissipating huge heat from overclocked
CPU. Thanks to a 120mm PWM fan with a wide RPM
range Seidon can operate silently or unleash a powerful
cooling storm at your command.
CPU Socket
Intel LGA 2011 / 1366 / 1156 / 1155 /
1150 / 775
AMD Socket FM2 / FM1 / AM3+ / AM3 /
AM2+ / AM2
Main System Dimensions
Ø 70 x 27mm (Ø 2.75 x 1.1 inch)
Radiator Dimensions
150 x 120 x 38 mm (5.90 x 4.72 x 1.50
inch)
Radiator Material
Aluminum
Fan Dimensions
120 x 120 x 25 mm (4.7 x 4.7 x 1 in)
Fan Speed
600~2400 RPM (PWM) ± 10%
Fan Air Flow
19.17 ~ 86.15 CFM ± 10%
Fan Air Pressure
0.31 ~ 4.16 mm H2O ± 10%
Fan Life Expectancy
40,000 hours
Fan Noise Level
19 ~ 40 dBA
Fan Bearing Type
Rifle bearing
Fan Connector
4-Pin
Fan Rated Voltage
12 VDC
Fan Rated Current
0.2 A
Fan Power Consumption
3.6 W
Pump Life Expectancy
70,000 hrs
Pump Noise Level
<25 dBA
Pump Connector
3-Pin
Pump Rated Voltage
12 VDC
Pump Load Current
0.15 A
Pump Power
Consumption
1.8W
EAN Code
4719512040799
UPC Code
884102020032
Package Dimensions
282*267*140mm
(11.1*10.5*5.5 in)
Carton Dimensions
577*441*298mm
(22.7*17.4*11.7 in)
Unit / Carton
6
Carton / Pallet
28
Seidon 120XL
RL-S12X-24PK-R1
2 years
Features
Specifications
Package Information
Warranty


Similar Part No. - RL-S12X-24PK-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL-S12P-20PB-R1 ETC2-RL-S12P-20PB-R1 Datasheet
373Kb / 2P
   Blue LED indicator lights up when it is operating.
RL-S12V-24PK-R1 ETC2-RL-S12V-24PK-R1 Datasheet
213Kb / 2P
   Blue LED indicator lights up when operating.
More results

Similar Description - RL-S12X-24PK-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL-S24M-24PK-R1 ETC2-RL-S24M-24PK-R1 Datasheet
381Kb / 2P
   Factory filled with coolant, then sealed and pressure tested - requires zero maintenance for years.
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
   CLOSED LOOP CONTROL
logo
P-tec Corporation
PL518-1R12 P-TEC-PL518-1R12 Datasheet
76Kb / 1P
   Snap-in Design Requires no Hardware
PL518-1G13-2 P-TEC-PL518-1G13-2 Datasheet
77Kb / 1P
   Snap-in Design Requires no Hardware
logo
Systemsensor advanced i...
2W-MOD2 SYSTEMSENSOR-2W-MOD2 Datasheet
227Kb / 2P
   2-Wire Loop Test/Maintenance Module
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
   730 MHz Closed Loop Buffer
logo
National Semiconductor ...
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
   Precision RF Closed Loop Buffer
logo
Beijing Yaohuadechang E...
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
   Hall closed loop current sensor
HAS2009 YHDC-HAS2009 Datasheet
3Mb / 1P
   Hall closed loop current sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com