Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89S51-24JC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT89S51-24JC
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S51-24JC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT89S51-24JC Datasheet HTML 6Page - ATMEL Corporation AT89S51-24JC Datasheet HTML 7Page - ATMEL Corporation AT89S51-24JC Datasheet HTML 8Page - ATMEL Corporation AT89S51-24JC Datasheet HTML 9Page - ATMEL Corporation AT89S51-24JC Datasheet HTML 10Page - ATMEL Corporation AT89S51-24JC Datasheet HTML 11Page - ATMEL Corporation AT89S51-24JC Datasheet HTML 12Page - ATMEL Corporation AT89S51-24JC Datasheet HTML 13Page - ATMEL Corporation AT89S51-24JC Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
AT89S51
2487A–10/01
.
Figure 1. Interrupt Sources
Table 4. Interrupt Enable (IE) Register
(MSB)
(LSB)
EA
ES
ET1
EX1
ET0
EX0
Enable Bit = 1 enables the interrupt.
Enable Bit = 0 disables the interrupt.
Symbol
Position
Function
EA
IE.7
Disables all interrupts. If EA = 0, no interrupt is
acknowledged. If EA = 1, each interrupt source is
individually enabled or disabled by setting or clearing
its enable bit.
IE.6
Reserved
IE.5
Reserved
ES
IE.4
Serial Port interrupt enable bit
ET1
IE.3
Timer 1 interrupt enable bit
EX1
IE.2
External interrupt 1 enable bit
ET0
IE.1
Timer 0 interrupt enable bit
EX0
IE.0
External interrupt 0 enable bit
User software should never write 1s to reserved bits, because they may be used in future AT89
products.
IE1
IE0
1
1
0
0
TF1
TF0
INT1
INT0
TI
RI


Similar Part No. - AT89S51-24JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S51-24JC ATMEL-AT89S51-24JC Datasheet
416Kb / 32P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
More results

Similar Description - AT89S51-24JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_08 Datasheet
496Kb / 31P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT90S4414 ATMEL-AT90S4414 Datasheet
736Kb / 10P
   8-Bit Microcontroller with 4K bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
300Kb / 25P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT90S2333 ATMEL-AT90S2333 Datasheet
323Kb / 13P
   8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_10 Datasheet
703Kb / 22P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT89LP428 ATMEL-AT89LP428 Datasheet
4Mb / 149P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY2313A ATMEL-ATTINY2313A Datasheet
635Kb / 20P
   8-bit Microcontroller with 2/4K Bytes In-System Programmable Flash
ATTINY40 ATMEL-ATTINY40 Datasheet
6Mb / 216P
   8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com