Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G324E Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # G324E
Description  Liquid Crystal Display Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G324E Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button G324E Datasheet HTML 3Page - List of Unclassifed Manufacturers G324E Datasheet HTML 4Page - List of Unclassifed Manufacturers G324E Datasheet HTML 5Page - List of Unclassifed Manufacturers G324E Datasheet HTML 6Page - List of Unclassifed Manufacturers G324E Datasheet HTML 7Page - List of Unclassifed Manufacturers G324E Datasheet HTML 8Page - List of Unclassifed Manufacturers G324E Datasheet HTML 9Page - List of Unclassifed Manufacturers G324E Datasheet HTML 10Page - List of Unclassifed Manufacturers G324E Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
8
Liquid Crystal Display Modules
Transflective LCD
Transflector bonded to the rear polarizer re-
flects light
from the front as well as enabling
lights to pass through the back. Used with
backlight off in bright light and with it on in low
light to reduce power consumption.
Transmissive LCD
Without reflector or transflector bonded to the
rear
polarizer. Backlight required. Most com-
mon is transmissive negative image.
EL (Electroluminescent Lamp) backlight
LED (Light Emitting Diode) backlight
Features: EL: thin, inverter required
LED: long service life, low voltage
driving, no inverter required
REFLECTIVE/TRANSFLECTIVE/TRANSMISSIVE LCD
POSITIVE/NEGATIVE MODE
TN TYPE/STN TYPE/FSTN TYPE
STRUCTURE AND FEATURE OF LCD MODULE WITH BACKLIGHT
POWER SUPPLY
CFL (Cold Cathode Fluorescent Lamp) backlight
Features: high brightness, long service life, inverter required
Reflective LCD
Reflector bonded to the rear polarizer
reflects the incoming ambient light. Low power
consumption because no backlight is required.
Edge backlight type
(G2446,G242C)
(G321D,G649D)
Backlight type
Frame
LCD
CFL
PCB
Light guide
PCB
PCB
CFL
LCD
LCD
PCB
EL or LED
Frame
Frame
LCD module
VDD
VLC
VSS
VR
GND
+ 5V
VDD
VLC
VSS
GND
+ 5V
*
VDD
VLC
VSS
VR
GND
+ 5V
- 2V (min)
VDD
VLC
VSS
VR
GND
+ 5V
R1
R2
V0
VDD
VSS
GND
+ 5V
Character modules (single power supply)
LCD module
LCD module
LCD module
LCD module
Negative
voltage
Negative
voltage
G2446,G242C (Built-in DC-DC conv.)
G321D, G324E and G649D
Character Modules(Dual power supply)
Y1206 and G1226
*
Negative voltage should be variable for
contrast adjustment.
Note 1:Contrast can be adjusted by VR.
Note 2:For module with backlight, power supply
for backlight is necessary.
light
source
reflected
light
reflector
transmitted
light
transflector
light
source
reflected light
light source
(backlight)
light source
(backlight)
transmitted
light
Positive
type
Negative
type
Negative type
(inverse image)
(when data is inverted)
TN
STN
FSTN
(Background/dot color)
Gray/Black
White/Black
Yellowgreen/Dark blue
Gray/Dark blue
White/Blue
TN( Twisted Nematic) type is most conventional and economical. It is used for static drive LCD and
low-duty drive LCD ( watch,calculator, etc.)
STN (Super Twisted Nematic) type has a higher twist angle, and thus provides clear visibility
and wider viewing angle. This is suitable especially for high-duty drive LCD.
FSTN (Film Super Twisted Nematic) type utilizes RCF (Retardation Control Film) to remove
the coloring of STN LCD. Thus FSTN type provides easy-to-read black-and-white display.


Similar Part No. - G324E

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
G324 EUROQUARTZ-G324 Datasheet
115Kb / 2P
   3.2 x 2.5 x 0.9mm 4 pad SMD
logo
Mercury United Electron...
G324 MERCURY-G324 Datasheet
68Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
List of Unclassifed Man...
G3245H ETC-G3245H Datasheet
480Kb / 12P
   3.8 QVGA LCD Graphic Module without DC / DC converter
More results

Similar Description - G324E

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
logo
AZ Displays
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com