Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7409-50 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7409-50
Description  50 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7409-50 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7409-50 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7409-50 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7409-50 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
TECHNICAL DATA SHEET
Outline Drawing
50 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To
300 Watts Up To 3 GHz PE7409-50
URL:
http://www.pasternack.com/50db-fixed-n-male-n-male-300-watts-attenuator-pe7409-50-p.aspx
PE7409-50
PE7409-50 REV 1.0
50 dB Fixed Attenuator, N Male To N Male Directional Black
Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz


Similar Part No. - PE7409-50

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7409-10 PASTERNACK-PE7409-10 Datasheet
300Kb / 3P
   10 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7409-20 PASTERNACK-PE7409-20 Datasheet
300Kb / 3P
   20 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7409-3 PASTERNACK-PE7409-3 Datasheet
300Kb / 3P
   3 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7409-30 PASTERNACK-PE7409-30 Datasheet
300Kb / 3P
   30 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7409-40 PASTERNACK-PE7409-40 Datasheet
300Kb / 3P
   40 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
More results

Similar Description - PE7409-50

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7409-3 PASTERNACK-PE7409-3 Datasheet
300Kb / 3P
   3 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7409-40 PASTERNACK-PE7409-40 Datasheet
300Kb / 3P
   40 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7409-6 PASTERNACK-PE7409-6 Datasheet
300Kb / 3P
   6 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7409-30 PASTERNACK-PE7409-30 Datasheet
300Kb / 3P
   30 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7409-10 PASTERNACK-PE7409-10 Datasheet
300Kb / 3P
   10 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7409-20 PASTERNACK-PE7409-20 Datasheet
300Kb / 3P
   20 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7412-50 PASTERNACK-PE7412-50 Datasheet
300Kb / 3P
   50 dB Fixed Attenuator, N Female To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7410-50 PASTERNACK-PE7410-50 Datasheet
300Kb / 3P
   50 dB Fixed Attenuator, N Male To N Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7412-3 PASTERNACK-PE7412-3 Datasheet
300Kb / 3P
   3 dB Fixed Attenuator, N Female To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7410-3 PASTERNACK-PE7410-3 Datasheet
300Kb / 3P
   3 dB Fixed Attenuator, N Male To N Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com