Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26NV Datasheet(PDF) 4 Page - Texas Instruments

Part # LM26NV
Description  LM26NV SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26NV Datasheet(HTML) 4 Page - Texas Instruments

  LM26NV_15 Datasheet HTML 1Page - Texas Instruments LM26NV_15 Datasheet HTML 2Page - Texas Instruments LM26NV_15 Datasheet HTML 3Page - Texas Instruments LM26NV_15 Datasheet HTML 4Page - Texas Instruments LM26NV_15 Datasheet HTML 5Page - Texas Instruments LM26NV_15 Datasheet HTML 6Page - Texas Instruments LM26NV_15 Datasheet HTML 7Page - Texas Instruments LM26NV_15 Datasheet HTML 8Page - Texas Instruments LM26NV_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LM26NV
SNIS151B – AUGUST 2008 – REVISED MARCH 2013
www.ti.com
LM26NV Electrical Characteristics
The following specifications apply for V
+ = 2.7V
DC to 5.5VDC, and VTEMP load current = 0µA unless otherwise specified.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C unless otherwise specified.
LM26NV Limits
Symbol
Parameter
Conditions
Typical(1)
Units (Limits)
(2)
Temperature Sensor
Trip Point Accuracy (Includes VREF, DAC,
-55°C
≤ TA ≤ +110°C
±3
°C (max)
Comparator Offset, and Temperature
+120°C
±4
°C (max)
Sensitivity errors)
Trip Point Hysteresis
HYST = GND
11
°C
HYST = V+
2
°C
IS
Supply Current
16
20
µA (max)
40
µA (max)
Digital Output and Input
IOUT(“1”)
Logical “1” Output Leakage Current (3)
V+ = +5.0V
0.001
1
µA (max)
VOUT(“0”)
Logical “0” Output Voltage
IOUT = +1.2mA and
0.4
V (max)
V+
≥2.7V; IOUT = +3.2mA
and V+
≥4.5V; (4)
VOUT(“1”)
Logical “1” Push-Pull Output Voltage
ISOURCE = 500µA, V
+
0.8 × V+
V (min)
2.7V
ISOURCE = 800µA, V
+≥4.5V
V+
− 1.5
V (min)
VIH
HYST Input Logical ”1“ Threshold Voltage
0.8 × V+
V (min)
VIL
HYST Input Logical ”0“ Threshold Voltage
0.2 × V+
V (max)
(1)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(3)
The 1µA limit is based on a testing limitation and does not reflect the actual performance of the part. Expect to see a doubling of the
current for every 15°C increase in temperature. For example, the 1nA typical current at 25°C would increase to 16nA at 85°C.
(4)
Care should be taken to include the effects of self heating when setting the maximum output load current. The power dissipation of the
LM26NV would increase by 1.28mW when IOUT=3.2mA and VOUT=0.4V. With a thermal resistance of 250°C/W, this power dissipation
would cause an increase in the die temperature of about 0.32°C due to self heating. Self heating is not included in the trip point
accuracy specification.
Package Type
θJA
SOT-23, DBV
250°C/W
Part Number Template
The series of characters labeled "xyz" in the part number LM26CIM5-xyz, describe the set point value and the
function of the output. The character at "x" and "y" define the set point temperature (at which the digital output
will go active). The "z" character defines the type and function of the digital output. These place holders are
defined in the following tables.
The place holders xy describe the set point temperature as shown in the following table.
x (10x)
y (1x)
Temperature (°C)
A
-
−5
B
-
−4
C
-
−3
D
-
−2
E
-
−1
F
-
−0
H
H
0
J
J
1
K
K
2
L
L
3
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM26NV


Similar Part No. - LM26NV_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
More results

Similar Description - LM26NV_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
[Old version datasheet]   LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
logo
National Semiconductor ...
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
   SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM27 TI-LM27_15 Datasheet
981Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM26 TI-LM26_15 Datasheet
950Kb / 24P
[Old version datasheet]   Accurate, Factory-Preset Thermostat
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
LM27A NSC-LM27A Datasheet
237Kb / 10P
   짹3째C Accurate, 120째C-150째C Factory Preset Thermostat (LM27 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com