Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM57 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM57
Description  LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM57 Datasheet(HTML) 5 Page - Texas Instruments

  LM57_15 Datasheet HTML 1Page - Texas Instruments LM57_15 Datasheet HTML 2Page - Texas Instruments LM57_15 Datasheet HTML 3Page - Texas Instruments LM57_15 Datasheet HTML 4Page - Texas Instruments LM57_15 Datasheet HTML 5Page - Texas Instruments LM57_15 Datasheet HTML 6Page - Texas Instruments LM57_15 Datasheet HTML 7Page - Texas Instruments LM57_15 Datasheet HTML 8Page - Texas Instruments LM57_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
VDD
GND
VSENSE
LM57
www.ti.com
SNIS152E – MAY 2009 – REVISED JULY 2015
Pin Functions (continued)
PIN
TYPE
EQUIVALENT CIRCUIT
DESCRIPTION
NAME
NO.
VTEMP analog voltage output
Analog
If TRIP TEST = 0, then VTEMP = VTS, temperature sensor output voltage
VTEMP
8
Output
If TRIP TEST = 1, then VTEMP = VTRIP, temperature trip voltage
This pin may be left open if not used.
Thermal
Pad
(WSON
Connected to GND
package
only)
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage
−0.3
6
V
Voltage at TOVER
−0.3
6
V
Voltage at TOVER , VTEMP, TRIP-TEST, SENSE1, and SENSE2
−0.3
(VDD + 0.3 V)
V
Current at any pin
5
mA
Storage temperature
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.
7.2 ESD Ratings
VALUE
UNIT
LM57BISD and LM57CISD in WSON package
Human body model (HBM)
±5500
Electrostatic discharge
V(ESD)
Charged-device model (CDM)
±1250
V
(1)
Machine Model (MM)
±450
LM57FPW and LM57TPW in TSSOP package
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (2)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101 (3)
±750
(1)
The Human Body Model (HBM) is a 100-pF capacitor charged to the specified voltage then discharged through a 1.5-k
Ω resistor into
each pin. The Machine Model (MM) is a 200 pF capacitor charged to the specified voltage then discharged directly into each pin. The
Charged Device Model (CDM) is a specified circuit characterizing an ESD event that occurs when a device acquires charge through
some triboelectric (frictional) or electrostatic induction processes and then abruptly touches a grounded object or surface.
(2)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
NOM MAX
UNIT
Supply voltage
2.4
5.5
V
Free air temperature range (TMIN ≤ TA ≤ TMAX)
−50
150
°C
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM57


Similar Part No. - LM57_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Seoul Semiconductor
LM570Z SEOUL-LM570Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LM571 SEOUL-LM571 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM571 SEOUL-LM571 Datasheet
360Kb / 13P
   CYAN LAMP LED
More results

Similar Description - LM57_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com