Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM60-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM60-Q1
Description  LM60 and LM60-Q1 2.7-V, SOT-23 or TO-92 Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM60-Q1 Datasheet HTML 2Page - Texas Instruments LM60-Q1 Datasheet HTML 3Page - Texas Instruments LM60-Q1 Datasheet HTML 4Page - Texas Instruments LM60-Q1 Datasheet HTML 5Page - Texas Instruments LM60-Q1 Datasheet HTML 6Page - Texas Instruments LM60-Q1 Datasheet HTML 7Page - Texas Instruments LM60-Q1 Datasheet HTML 8Page - Texas Instruments LM60-Q1 Datasheet HTML 9Page - Texas Instruments LM60-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LM60, LM60-Q1
SNIS119E – MAY 2004 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for +VS = 3 VDC and ILOAD = 1 μA. All limits TA = TJ = 25°C unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
82
110
μA
Quiescent Current
2.7 V
≤ +VS ≤ 10 V
TA = TJ = TMIN
125
μA
to TMAX
Change of Quiescent Current
2.7 V
≤ +VS ≤ 10 V
±5
μA
Temperature Coefficient of
0.2
μA/°C
Quiescent Current
TJ = TMAX = 125°C
Long Term Stability(6)
±0.2
°C
for 1000 hours
(6)
For best long-term stability, any precision circuit will give best results if the unit is aged at a warm temperature, temperature cycled for at
least 46 hours before long-term life test begins for both temperatures. This is especially true when a small (surface-mount) part is wave-
soldered; allow time for stress relaxation to occur. The majority of the drift will occur in the first 1000 hours at elevated temperatures.
The drift after 1000 hours will not continue at the first 1000 hour rate.
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM60 LM60-Q1


Similar Part No. - LM60-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM60-Q1 TI-LM60-Q1 Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
More results

Similar Description - LM60-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
logo
National Semiconductor ...
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
National Semiconductor ...
LM61 NSC-LM61 Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM61 TI-LM61_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3 TI-LM61BIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM73-Q1 TI1-LM73-Q1 Datasheet
566Kb / 27P
[Old version datasheet]   2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com