Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM60-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM60-Q1
Description  LM60 and LM60-Q1 2.7-V, SOT-23 or TO-92 Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM60-Q1 Datasheet HTML 3Page - Texas Instruments LM60-Q1 Datasheet HTML 4Page - Texas Instruments LM60-Q1 Datasheet HTML 5Page - Texas Instruments LM60-Q1 Datasheet HTML 6Page - Texas Instruments LM60-Q1 Datasheet HTML 7Page - Texas Instruments LM60-Q1 Datasheet HTML 8Page - Texas Instruments LM60-Q1 Datasheet HTML 9Page - Texas Instruments LM60-Q1 Datasheet HTML 10Page - Texas Instruments LM60-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
0
LM60, LM60-Q1
www.ti.com
SNIS119E – MAY 2004 – REVISED SEPTEMBER 2015
7.6 Typical Characteristics
To generate these curves, the device was mounted to a printed-circuit-board as shown in Figure 20.
Figure 1. Thermal Resistance Junction to Air
Figure 2. Thermal Time Constant
Figure 3. Thermal Response in Still Air With Heat Sink
Figure 4. Thermal Response in Stirred Oil Bath With Heat
Sink
Figure 5. Thermal Response in Still Air Without a Heat Sink
Figure 6. Start-Up Voltage vs Temperature
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM60 LM60-Q1


Similar Part No. - LM60-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM60-Q1 TI-LM60-Q1 Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
More results

Similar Description - LM60-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
logo
National Semiconductor ...
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
National Semiconductor ...
LM61 NSC-LM61 Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM61 TI-LM61_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3 TI-LM61BIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM73-Q1 TI1-LM73-Q1 Datasheet
566Kb / 27P
[Old version datasheet]   2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com