Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G909 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G909
Description  150mA Low-Dropout Linear Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G909 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G909 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G909 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver: 1.1
Apr 06, 2009
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G909
Global Mixed-mode Technology Inc.
150mA Low-Dropout Linear Regulators
Features
Low, 100µA No-Load Supply Current
Guaranteed 150mA Output Current
Dropout Voltage is 210mV @ 150mA Load
Over-Temperature Protection and Short-Circuit
Protection
Max. Supply Current in Shutdown Mode < 1µA
Stable with Low Cost Ceramic Capacitors
EN with Internal Pull-Low Resistance
Applications
Notebook Computers
Cellular Phones
PDAs
Digital still Camera and Video Recorders
Hand-Held Devices
Bar Code Scanners
General Description
The G909 is a low supply current, low dropout linear
regulator that comes in a space saving SOT-23-5,
TSOT-23-5, SC-70-4 (SC-82 / SOT-343), SC-70-5 (SOT-353)
and TDFN2X2-8 package. The supply current at
no-load is 100µA. In the shutdown mode, the maxi-
mum supply current is less than 1µA. The over-current
protection limit is set at 240mA typical. An overtem-
perature protection circuit is built-in in the G909 to
prevent thermal overload. These power saving fea-
tures make the G909 ideal for use in the bat-
tery-powered applications such as notebook com-
puters, cellular phones, and PDA’s.
These devices feature an enable function and are of-
fered in active high with auto discharge. The G909 is
specifically designed to employ ceramic output ca-
pacitors as low as 0.47µF.The G909 comes in a space
saving SOT-23-5, TSOT-23-5, SC-70-4 (SC-82 / SOT-343),
SC-70-5 (SOT-353) and TDFN2X2-8 package.
Pin Configuration
Typical Application Circuit
VIN
VOUT
GND
EN
G909
C
IN
2.2µF
BATTERY
OUTPUT
VOLTAGE
COUT
1µF
GND
NC
SOT-23-5/TSOT-23-5/SC-70-5 (SC-353)
5
4
1
2
3
GND
EN
VOUT
VIN
G909
SC-70-4(SC-82 / SC-343)
4
3
1
2
VIN
EN
G909
VOUT
TDFN2X2-8
1
2
3
4
8
7
6
5
Thermal
Pad
G909
NC
VIN
VOUT
NC
NC
NC
GND
EN
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
VIN
VOUT
GND
EN
G909
C
IN
2.2µF
BATTERY
OUTPUT
VOLTAGE
COUT
1µF
GND
NC
SOT-23-5/TSOT-23-5/SC-70-5 (SC-353)
5
4
1
2
3
GND
EN
VOUT
VIN
G909
SC-70-4(SC-82 / SC-343)
4
3
1
2
VIN
EN
G909
VOUT
TDFN2X2-8
1
2
3
4
8
7
6
5
Thermal
Pad
G909
NC
VIN
VOUT
NC
NC
NC
GND
EN
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.


Similar Part No. - G909

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9092 GMT-G9092 Datasheet
42Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9093 GMT-G9093 Datasheet
33Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
More results

Similar Description - G909

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
logo
SG Micro Corp
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
   150mA, Low Power, Low Dropout, Linear Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com