Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM70 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM70
Description  LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM70 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM70 Datasheet HTML 7Page - Texas Instruments LM70 Datasheet HTML 8Page - Texas Instruments LM70 Datasheet HTML 9Page - Texas Instruments LM70 Datasheet HTML 10Page - Texas Instruments LM70 Datasheet HTML 11Page - Texas Instruments LM70 Datasheet HTML 12Page - Texas Instruments LM70 Datasheet HTML 13Page - Texas Instruments LM70 Datasheet HTML 14Page - Texas Instruments LM70 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LM70
www.ti.com
SNIS112G – JUNE 2000 – REVISED MARCH 2013
TEMPERATURE REGISTER
Table 2. (Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
1
1
1
X
X
D0–D1: Undefined. TRI-STATE will be output on SI/0.
D2–D4: Always set high.
D5–D15: Temperature Data. One LSB = 0.25°C. Two's complement format.
MANUFACTURER'S/DEVICE ID REGISTER
Table 3. (Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
0
0
0
1
0
0
0
0
0
0
X
X
D0–D1: Undefined. TRI-STATE will be output on SI/0.
D2-D4: Always set LOW.
D5–D15: Manufacturer's ID Data. This register is accessed whenever the LM70 is in shutdown mode.
Serial Bus Timing Diagrams
Figure 12. a) Reading Continuous Conversion - Single Eight-Bit Frame
Figure 13. b) Reading Continuous Conversion - Two Eight-Bit Frames
Figure 14. c) Writing Shutdown Control
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM70


Similar Part No. - LM70

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM70 NSC-LM70 Datasheet
691Kb / 14P
   SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
logo
Sanyo Semicon Device
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
   Direct PLL Frequency Synthesizer for Electronic Tuning
LM7000N SANYO-LM7000N Datasheet
178Kb / 7P
   Direct PLL Frequency Synthesizer for Electronic Tuning
LM7001 SANYO-LM7001 Datasheet
91Kb / 8P
   Direct PLL Frequency Synthesizers for Electronic Tuning
More results

Similar Description - LM70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
   SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
logo
Texas Instruments
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
[Old version datasheet]   LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM74A NSC-LM74A Datasheet
605Kb / 12P
   SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com