Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5104 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5104
Description  High-Voltage Half-Bridge Gate Driver With Adaptive Delay
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5104 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5104 Datasheet HTML 7Page - Texas Instruments LM5104 Datasheet HTML 8Page - Texas Instruments LM5104 Datasheet HTML 9Page - Texas Instruments LM5104 Datasheet HTML 10Page - Texas Instruments LM5104 Datasheet HTML 11Page - Texas Instruments LM5104 Datasheet HTML 12Page - Texas Instruments LM5104 Datasheet HTML 13Page - Texas Instruments LM5104 Datasheet HTML 14Page - Texas Instruments LM5104 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
RGATE
CBOOT
HO
HS
LO
VSS
HB
LM5104
L
(Optional external
fast recovery diode)
IN
VDD
VIN
VCC
PWM
CONTROLLER
GND
VDD
OUT1
OUT2
RT
C
LM5104
www.ti.com
SNVS269D – JANUARY 2004 – REVISED DECEMBER 2014
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM5104 is one of the latest generation of high-voltage gate drivers which are designed to drive both the
high-side and low-side N-channel MOSFETs in a half-bridge/full bridge configuration or in a synchronous buck
circuit. The floating high-side driver can operate with supply voltages up to 100 V. This allows for N-channel
MOSFET control in half-bridge, full-bridge, push-pull, two switch forward and active clamp topologies.
Table 1. Highlights
FEATURE
BENEFIT
Adaptive Rising and Falling Edges with Programmable Additional
Allows optimization of gate drive timings to account for device
Delay
differences between high-side and low-side positions.
Single Input Control
Direct drive from lower cost PWM controllers
Internal Bootstrap Diode
Reduces parts count and PCB real estate
8.2 Typical Application
Figure 15. LM5104 Driving MOSFETs Connected in Synchronous Buck Configuration
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5104


Similar Part No. - LM5104

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5104 NSC-LM5104 Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5104M NSC-LM5104M Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5104MX NSC-LM5104MX Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5104SD NSC-LM5104SD Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5104SDX NSC-LM5104SDX Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
More results

Similar Description - LM5104

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5104 NSC-LM5104 Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
logo
Texas Instruments
SM74104 TI-SM74104 Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
logo
National Semiconductor ...
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
   High Voltage Half-Bridge Gate Driver with Programmable Delay
logo
Texas Instruments
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
[Old version datasheet]   LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5102 TI-LM5102_15 Datasheet
957Kb / 22P
[Old version datasheet]   LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
   High Voltage IC Half Bridge Gate Driver
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
   High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
   Triple half-bridge high-voltage gate driver
April 2021 Rev 2
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
   High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com