Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5117805LJ-5 Datasheet(PDF) 9 Page - Elpida Memory

Part # HM5117805LJ-5
Description  16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5117805LJ-5 Datasheet(HTML) 9 Page - Elpida Memory

Back Button HM5117805LJ-5 Datasheet HTML 5Page - Elpida Memory HM5117805LJ-5 Datasheet HTML 6Page - Elpida Memory HM5117805LJ-5 Datasheet HTML 7Page - Elpida Memory HM5117805LJ-5 Datasheet HTML 8Page - Elpida Memory HM5117805LJ-5 Datasheet HTML 9Page - Elpida Memory HM5117805LJ-5 Datasheet HTML 10Page - Elpida Memory HM5117805LJ-5 Datasheet HTML 11Page - Elpida Memory HM5117805LJ-5 Datasheet HTML 12Page - Elpida Memory HM5117805LJ-5 Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
HM5117805 Series
Data Sheet E0156H10
9
Read Cycle
HM5117805
-5
-6
-7
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Access time from
RAS
t
RAC
50
60
70
ns
8, 9
Access time from
CAS
t
CAC
13
15
18
ns
9, 10, 17
Access time from address
t
AA
25
30
35
ns
9, 11, 17
Access time from
OE
t
OEA
—13
15
—18
ns
9
Read command setup time
t
RCS
0—
0—
0—
ns
Read command hold time to
CAS
t
RCH
0—
0—
0—
ns
12
Read command hold time from
RAS t
RCHR
50
60
70
ns
Read command hold time to
RAS
t
RRH
0—
0—
0—
ns
12
Column address to
RAS lead time
t
RAL
25
30
35
ns
Column address to
CAS lead time
t
CAL
15
18
23
ns
CAS to output in low-Z
t
CLZ
0—
0—
0—
ns
Output data hold time
t
OH
3—
3—
3—
ns
20
Output data hold time from
OE
t
OHO
3—
3—
3—
ns
Output buffer turn-off time
t
OFF
13
15
15
ns
13, 20
Output buffer turn-off to
OE
t
OEZ
—13
15
—15
ns
13
CAS to Din delay time
t
CDD
13
15
18
ns
5
Output data hold time from
RAS
t
OHR
3—
3—
3—
ns
20
Output buffer turn-off to
RAS
t
OFR
—13
15
—15
ns
20
Output buffer turn-off to
WE
t
WEZ
—13
15
—15
ns
WE to Din delay time
t
WED
13
15
18
ns
RAS to Din delay time
t
RDD
13
15
18
ns
RAS next CAS delay time
t
RNCD
50
60
70
ns


Similar Part No. - HM5117805LJ-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM5117400AS7GS ETC1-HM5117400AS7GS Datasheet
34Kb / 2P
   CMOS 4194304 WORD 8-BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM5117400B HITACHI-HM5117400B Datasheet
259Kb / 25P
   4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
HM5117400BLS-6 HITACHI-HM5117400BLS-6 Datasheet
259Kb / 25P
   4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
HM5117400BLS-7 HITACHI-HM5117400BLS-7 Datasheet
259Kb / 25P
   4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
HM5117400BLS-8 HITACHI-HM5117400BLS-8 Datasheet
259Kb / 25P
   4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
More results

Similar Description - HM5117805LJ-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM51W17805 ELPIDA-HM51W17805 Datasheet
560Kb / 32P
   16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5116405 ELPIDA-HM5116405 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Elpida Memory
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM5118165 HITACHI-HM5118165 Datasheet
336Kb / 33P
   16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Elpida Memory
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com