Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM94021 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM94021
Description  LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM94021 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM94021_15 Datasheet HTML 4Page - Texas Instruments LM94021_15 Datasheet HTML 5Page - Texas Instruments LM94021_15 Datasheet HTML 6Page - Texas Instruments LM94021_15 Datasheet HTML 7Page - Texas Instruments LM94021_15 Datasheet HTML 8Page - Texas Instruments LM94021_15 Datasheet HTML 9Page - Texas Instruments LM94021_15 Datasheet HTML 10Page - Texas Instruments LM94021_15 Datasheet HTML 11Page - Texas Instruments LM94021_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LM94021
SNIS138E – FEBRUARY 2005 – REVISED JUNE 2013
www.ti.com
APPLICATION INFORMATION
LM94021 TRANSFER FUNCTION
The LM94021 has four selectable gains, each of which can be selected by the GS1 and GS0 input pins. The
output voltage for each gain, across the complete operating temperature range is shown in Table 2, below. This
table is the reference from which the LM94021 accuracy specifications (listed in the ELECTRICAL
CHARACTERISTICS section) are determined. This table can be used, for example, in a host processor look-up
table.
A
file
containing
this
data
is
available
for
download
at
http://www.ti.com/lsds/ti/analog/temperature_sensor.page.
Table 2. LM94021 Transfer Table
TEMPERATURE
GS = 00
GS = 01
GS = 10
GS = 11
(°C)
(mV)
(mV)
(mV)
(mV)
−50
1299
1955
2616
3277
−49
1294
1949
2607
3266
−48
1289
1942
2598
3254
−47
1284
1935
2589
3243
−46
1278
1928
2580
3232
−45
1273
1921
2571
3221
−44
1268
1915
2562
3210
−43
1263
1908
2553
3199
−42
1257
1900
2543
3186
−41
1252
1892
2533
3173
−40
1247
1885
2522
3160
−39
1242
1877
2512
3147
−38
1236
1869
2501
3134
−37
1231
1861
2491
3121
−36
1226
1853
2481
3108
-35
1221
1845
2470
3095
−34
1215
1838
2460
3082
−33
1210
1830
2449
3069
−32
1205
1822
2439
3056
−31
1200
1814
2429
3043
−30
1194
1806
2418
3030
−29
1189
1798
2408
3017
−28
1184
1790
2397
3004
−27
1178
1783
2387
2991
−26
1173
1775
2376
2978
−25
1168
1767
2366
2965
−24
1162
1759
2355
2952
−23
1157
1751
2345
2938
−22
1152
1743
2334
2925
−21
1146
1735
2324
2912
−20
1141
1727
2313
2899
−19
1136
1719
2302
2886
−18
1130
1711
2292
2873
−17
1125
1703
2281
2859
−16
1120
1695
2271
2846
−15
1114
1687
2260
2833
−14
1109
1679
2250
2820
−13
1104
1671
2239
2807
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM94021


Similar Part No. - LM94021_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM94021-Q1 TI1-LM94021-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
logo
National Semiconductor ...
LM94021BIMG NSC-LM94021BIMG Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
logo
Texas Instruments
LM94021BIMG TI1-LM94021BIMG Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
LM94021BIMG/NOPB TI1-LM94021BIMG/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
logo
National Semiconductor ...
LM94021BIMGX NSC-LM94021BIMGX Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
More results

Similar Description - LM94021_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
LM94022 NSC-LM94022 Datasheet
964Kb / 16P
   1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
logo
Texas Instruments
LM94022 TI-LM94022_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
   Analog Temperature Sensor
logo
Silicon Supplies
LM335A SS-LM335A Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
   Analog Temperature Sensor
SIS60A SS-SIS60A Datasheet
544Kb / 6P
   Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
   Analog Temperature Sensor
100906
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
   Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com