Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37515M4-608HP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M37515M4-608HP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37515M4-608HP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M37515M4-608HP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37515M4-608HP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37515M4-608HP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37515M4-608HP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37515M4-608HP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37515M4-608HP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37515M4-608HP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37515M4-608HP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37515M4-608HP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
1
M37515M4-XXXHP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
DESCRIPTION
The M37515M4-XXXHP is the 8-bit microcomputer based on the
740 family core technology.
The M37515M4-XXXHP is designed for the household products
and office automation equipment and includes serial I/O functions,
8-bit timer, A-D converter, and I2C-bus interface.
FEATURES
qBasic machine-language instructions ...................................... 71
qMinimum instruction execution time .................................. 0.5
µs
(at 8 MHz oscillation frequency)
qMemory size
ROM ............................................................................. 16 Kbytes
RAM .............................................................................. 512 bytes
qProgrammable input/output ports ............................................ 40
qInterrupts ................................................. 16 sources, 16 vectors
qTimers ............................................................................. 8-bit ! 4
qSerial I/O ....................... 8-bit ! 1(UART or Clock-synchronized)
qMulti-master I2C-bus interface (option) ....................... 1 channel
qPWM ............................................................................... 8-bit ! 1
qA-D converter ............................................... 10-bit ! 8 channels
qWatchdog timer ............................................................ 16-bit ! 1
qClock generating circuit ..................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
PIN CONFIGURATION (TOP VIEW)
Fig. 1 M37515M4-XXXHP pin configuration
qPower source voltage
In high-speed mode .................................................. 4.0 to 5.5 V
(at 8 MHz oscillation frequency)
In high-speed mode .................................................. 2.7 to 5.5 V
(at 4 MHz oscillation frequency)
In middle-speed mode ............................................... 2.7 to 5.5 V
(at 8 MHz oscillation frequency)
In low-speed mode .................................................... 2.7 to 5.5 V
(at 32 kHz oscillation frequency)
qPower dissipation
In high-speed mode .......................................................... 34 mW
(at 8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ............................................................ 60
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range.................................... –20 to 85°C
APPLICATION
Office automation equipment, FA equipment, Household products,
Consumer electronics, etc.
13
15
16
17
18
19
20
21
22
48
47
46
45
44
43
42
41
40
39
M37515M4-XXXHP
P31/AN1
AVSS
P47
P33/AN3
VCC
P17(LED4)
VSS
P21/XCIN
P14(LED1)
P15(LED2)
XIN
P16(LED3)
XOUT
P20 /XCOUT
P32/AN2
VREF
P30/AN0
P46
P45
14
23
P13(LED0)
24
RESET
P12
38
P34/AN4
37
P35/AN5
Package type : 48P6D-A (48-pin plastic-molded LQFP)


Similar Part No. - M37515M4-608HP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37515M4-XXXHP MITSUBISHI-M37515M4-XXXHP Datasheet
745Kb / 54P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37515M4-608HP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com