Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8265CZU Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC8265CZU
Description  MPC826xA (HiP4) Family Hardware Specifications
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8265CZU Datasheet(HTML) 3 Page - Motorola, Inc

  MPC8265CZU Datasheet HTML 1Page - Motorola, Inc MPC8265CZU Datasheet HTML 2Page - Motorola, Inc MPC8265CZU Datasheet HTML 3Page - Motorola, Inc MPC8265CZU Datasheet HTML 4Page - Motorola, Inc MPC8265CZU Datasheet HTML 5Page - Motorola, Inc MPC8265CZU Datasheet HTML 6Page - Motorola, Inc MPC8265CZU Datasheet HTML 7Page - Motorola, Inc MPC8265CZU Datasheet HTML 8Page - Motorola, Inc MPC8265CZU Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
3
Features
— High-performance (6.6–7.65 SPEC95 benchmark at 300 MHz; 1.68 MIPs/MHz without
inlining and 1.90 Dhrystones MIPS/MHz with
— Supports bus snooping for data cache coherency
— Floating-point unit (FPU)
Separate power supply for internal logic and for I/O
Separate PLLs for G2 core and for the CPM
— G2 core and CPM can run at different frequencies for power/performance optimization
— Internal core/bus clock multiplier that provides 1.5:1, 2:1, 2.5:1, 3:1, 3.5:1, 4:1, 5:1, 6:1 ratios
— Internal CPM/bus clock multiplier that provides 2:1, 2.5:1, 3:1, 3.5:1, 4:1, 5:1, 6:1 ratios
64-bit data and 32-bit address 60x bus
— Bus supports multiple master designs
— Supports single- and four-beat burst transfers
— 64-, 32-, 16-, and 8-bit port sizes controlled by on-chip memory controller
— Supports data parity or ECC and address parity
32-bit data and 18-bit address local bus
— Single-master bus, supports external slaves
— Eight-beat burst transfers
— 32-, 16-, and 8-bit port sizes controlled by on-chip memory controller
60x-to-PCI bridge (MPC8265 and MPC8266 only)
— Programmable host bridge and agent
— 32-bit data bus, 66 MHz, 3.3 V
— Synchronous and asynchronous 60x and PCI clock modes
— All internal address space available to external PCI host
— DMA for memory block transfers
— PCI-to-60x address remapping
System interface unit (SIU)
— Clock synthesizer
— Reset controller
— Real-time clock (RTC) register
— Periodic interrupt timer
— Hardware bus monitor and software watchdog timer
— IEEE 1149.1 JTAG test access port
Twelve-bank memory controller
— Glueless interface to SRAM, page mode SDRAM, DRAM, EPROM, Flash and other user-
definable peripherals
— Byte write enables and selectable parity generation
— 32-bit address decodes with programmable bank size
— Three user programmable machines, general-purpose chip-select machine, and page-mode
pipeline SDRAM machine
— Byte selects for 64 bus width (60x) and byte selects for 32 bus width (local)


Similar Part No. - MPC8265CZU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8260 FREESCALE-MPC8260 Datasheet
513Kb / 16P
   UPM Timing Diagram
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
logo
Motorola, Inc
MPC8260AEC MOTOROLA-MPC8260AEC Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
logo
Freescale Semiconductor...
MPC8260EC FREESCALE-MPC8260EC Datasheet
754Kb / 41P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC826XACVR FREESCALE-MPC826XACVR Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
More results

Similar Description - MPC8265CZU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC8260AEC MOTOROLA-MPC8260AEC Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC860 FREESCALE-MPC860_07 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com