Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1980U Datasheet(PDF) 2 Page - AUK corp

Part # 2SA1980U
Description  PNP Silicon Transistor (General small signal amplifier)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

2SA1980U Datasheet(HTML) 2 Page - AUK corp

  2SA1980U Datasheet HTML 1Page - AUK corp 2SA1980U Datasheet HTML 2Page - AUK corp 2SA1980U Datasheet HTML 3Page - AUK corp 2SA1980U Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KST-3026-001
2
2SA1980U
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-50
V
Collector-Emitter voltage
VCEO
-50
V
Emitter-Base voltage
VEBO
-5
V
Collector current
IC
-150
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=-100µA, IE=0
-50
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=-1mA, IB=0
-50
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=-10µA, IC=0
-5
-
-
V
Collector cut-off current
ICBO
VCB=-50V, IE=0
-
-
-0.1
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-
-
-0.1
µA
DC current gain
hFE*
VCE=-6V, IC=-2mA
70
-
700
-
Collector-Emitter saturation voltage
VCE(sat)
IC=-100mA, IB=-10mA
-
-
-0.3
V
Transition frequency
fT
VCE=-10V, IC=-1mA
80
-
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
4
7
pF
Noise figure
NF
VCE=-6V, IC=-0.1mA
f=1KHz, Rg=10KΩ
-
-
10
dB
*: hFE rank / O : 70~140, Y : 120~240, G : 200~400, L : 300~700.


Similar Part No. - 2SA1980U

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
2SA1980U KODENSHI-2SA1980U Datasheet
279Kb / 4P
   General small signal amplifier
2SA1980U KODENSHI-2SA1980U Datasheet
279Kb / 4P
   General small signal amplifier
logo
AUK corp
2SA1980UF AUK-2SA1980UF Datasheet
225Kb / 4P
   PNP Silicon Transistor (General small signal amplifier)
logo
Guangdong Kexin Industr...
2SA1980UF KEXIN-2SA1980UF Datasheet
47Kb / 1P
   General Small Signal Amplifier
logo
KODENSHI_AUK CORP.
2SA1980UF KODENSHI-2SA1980UF Datasheet
233Kb / 4P
   General small signal amplifier
More results

Similar Description - 2SA1980U

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SA1980E AUK-2SA1980E Datasheet
236Kb / 4P
   PNP Silicon Transistor (General small signal amplifier)
2SA1980UF AUK-2SA1980UF Datasheet
225Kb / 4P
   PNP Silicon Transistor (General small signal amplifier)
2SA1980M AUK-2SA1980M Datasheet
223Kb / 4P
   PNP Silicon Transistor (General small signal amplifier)
2SA1980EF AUK-2SA1980EF Datasheet
227Kb / 4P
   PNP Silicon Transistor (General small signal amplifier)
2SA1980SF AUK-2SA1980SF Datasheet
223Kb / 4P
   PNP Silicon Transistor (General small signal amplifier)
2SA1980S AUK-2SA1980S Datasheet
232Kb / 4P
   PNP Silicon Transistor (General small signal amplifier)
2SA1980 AUK-2SA1980 Datasheet
232Kb / 4P
   PNP Silicon Transistor (General small signal amplifier)
2SC5343 AUK-2SC5343 Datasheet
231Kb / 4P
   NPN Silicon Transistor (General small signal amplifier)
2SC5343E AUK-2SC5343E Datasheet
94Kb / 4P
   NPN Silicon Transistor (General small signal amplifier)
2SC5343M AUK-2SC5343M Datasheet
214Kb / 4P
   NPN Silicon Transistor (General small signal amplifier)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com