Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE30P25S Datasheet(PDF) 6 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE30P25S
Description  NCE P-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE30P25S Datasheet(HTML) 6 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE30P25S Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P25S Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P25S Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P25S Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P25S Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P25S Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P25S Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
6
NCE30P25S
Pb Free Product
http://www.ncepower.com
SOP-8 Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Max.
Min.
Max.
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
1.270(BSC)
0.050(BSC)
L
0.400
1.270
0.016
0.050
θ


Similar Part No. - NCE30P25S

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NCE30P25S VBSEMI-NCE30P25S Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - NCE30P25S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM40P07 RECTRON-RM40P07 Datasheet
236Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
logo
Wuxi NCE Power Semicond...
NCE3401A NCEPOWER-NCE3401A Datasheet
265Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE3407A NCEPOWER-NCE3407A Datasheet
288Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com