Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7412-3 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7412-3
Description  3 dB Fixed Attenuator, N Female To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7412-3 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7412-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7412-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7412-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Pasternack Enterprises’ line of 300W Attenuators operate from DC to 3 GHz, and are available in 16 different 7/16 DIN, N,
SMA and TNC in-series combinations. Our 300W Attenuators are manufactured with Passivated Stainless Steel SMA, TNC
and N connectors, and Silver Plated Brass 7/16 DIN connectors.
Pasternack 300W Attenuators come in 3 dB, 6 dB, 10
dB, 20 dB, 30 dB, 40 dB, & 50 dB values and will operate from -55 to +125 degrees C. Additional between-series connector
combinations are available upon request.
• 300W average power and 2,500W peak power handling capability
• Operates to 3 GHz
• Temperature range of -55 to +125 degrees C
• 16 in-series combinations
• 7/16 DIN, SMA, N, TNC Male and Female connectors are available
• Other connector combinations available upon request
Configuration
Design
Fixed, Directional Attenuator
Connector 1
N Female
Connector 2
N Male
Body Material and Plating
Black Aluminum Heatsink
Electrical Specifications * Values at 25°C, sea level
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
Impedance
50
Ohms
Attenuation Value
3
dB
Accuracy Statement
Attenuation accuracy it + / -
Input Power
300
Watts
Peak Power
2.5
KWatts
VSWR
1.4:1
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 1.5
1.5 to 3
GHz
VSWR
1.2:1
1.4:1
Attenuation Accuracy
± 0.75
± 1
dB
.
Mechanical Specifications
Temperature
Operating Range
-55 to +125 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, N Female To N Male Directional Black Aluminum Heatsink Body Rated
To 300 Watts Up To 3 GHz PE7412-3
PE7412-3
PE7412-3 REV 1.0
3 dB Fixed Attenuator, N Female To N Male Directional Black
Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz


Similar Part No. - PE7412-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7412-30 PASTERNACK-PE7412-30 Datasheet
300Kb / 3P
   30 dB Fixed Attenuator, N Female To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
More results

Similar Description - PE7412-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7410-3 PASTERNACK-PE7410-3 Datasheet
300Kb / 3P
   3 dB Fixed Attenuator, N Male To N Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7409-3 PASTERNACK-PE7409-3 Datasheet
300Kb / 3P
   3 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7411-3 PASTERNACK-PE7411-3 Datasheet
299Kb / 3P
   3 dB Fixed Attenuator, N Female To N Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7412-40 PASTERNACK-PE7412-40 Datasheet
300Kb / 3P
   40 dB Fixed Attenuator, N Female To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7410-40 PASTERNACK-PE7410-40 Datasheet
300Kb / 3P
   40 dB Fixed Attenuator, N Male To N Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7410-10 PASTERNACK-PE7410-10 Datasheet
300Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7410-30 PASTERNACK-PE7410-30 Datasheet
300Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7412-6 PASTERNACK-PE7412-6 Datasheet
300Kb / 3P
   6 dB Fixed Attenuator, N Female To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7412-10 PASTERNACK-PE7412-10 Datasheet
300Kb / 3P
   10 dB Fixed Attenuator, N Female To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7412-30 PASTERNACK-PE7412-30 Datasheet
300Kb / 3P
   30 dB Fixed Attenuator, N Female To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com