Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7416-6 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7416-6
Description  6 dB Fixed Attenuator, TNC Female To TNC Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7416-6 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7416-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7416-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7416-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Size
Length
5.6 in [142.24 mm]
Width
6.2 in [157.48 mm]
Height
6.3 in [160.02 mm]
.
Weight
4 lbs [1.81 Kg]
Connectors
Description
Connector 1
Connector 2
Type
TNC Female
TNC Male
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
• Calculated Heatsink Thermal Rise: .7C / Watt
PE7416-6
PE7416-6 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 6 dB Fixed Attenuator, TNC Female To TNC Male Directional Black Aluminum Heatsink Body
Rated To 300 Watts Up To 3 GHz PE7416-6
6 dB Fixed Attenuator, TNC Female To TNC Male Directional
Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz


Similar Part No. - PE7416-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7416-10 PASTERNACK-PE7416-10 Datasheet
300Kb / 3P
   10 dB Fixed Attenuator, TNC Female To TNC Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7416-20 PASTERNACK-PE7416-20 Datasheet
300Kb / 3P
   20 dB Fixed Attenuator, TNC Female To TNC Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7416-3 PASTERNACK-PE7416-3 Datasheet
300Kb / 3P
   3 dB Fixed Attenuator, TNC Female To TNC Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7416-30 PASTERNACK-PE7416-30 Datasheet
300Kb / 3P
   30 dB Fixed Attenuator, TNC Female To TNC Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7416-40 PASTERNACK-PE7416-40 Datasheet
300Kb / 3P
   40 dB Fixed Attenuator, TNC Female To TNC Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
More results

Similar Description - PE7416-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7414-6 PASTERNACK-PE7414-6 Datasheet
300Kb / 3P
   6 dB Fixed Attenuator, TNC Male To TNC Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7415-6 PASTERNACK-PE7415-6 Datasheet
300Kb / 3P
   6 dB Fixed Attenuator, TNC Female To TNC Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7413-6 PASTERNACK-PE7413-6 Datasheet
299Kb / 3P
   6 dB Fixed Attenuator, TNC Male To TNC Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7416-3 PASTERNACK-PE7416-3 Datasheet
300Kb / 3P
   3 dB Fixed Attenuator, TNC Female To TNC Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7414-3 PASTERNACK-PE7414-3 Datasheet
299Kb / 3P
   3 dB Fixed Attenuator, TNC Male To TNC Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7415-3 PASTERNACK-PE7415-3 Datasheet
300Kb / 3P
   3 dB Fixed Attenuator, TNC Female To TNC Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7413-3 PASTERNACK-PE7413-3 Datasheet
299Kb / 3P
   3 dB Fixed Attenuator, TNC Male To TNC Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7414-50 PASTERNACK-PE7414-50 Datasheet
300Kb / 3P
   50 dB Fixed Attenuator, TNC Male To TNC Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7414-30 PASTERNACK-PE7414-30 Datasheet
300Kb / 3P
   30 dB Fixed Attenuator, TNC Male To TNC Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7414-10 PASTERNACK-PE7414-10 Datasheet
300Kb / 3P
   10 dB Fixed Attenuator, TNC Male To TNC Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com