Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-103 Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 050-103
Description  10/100/1000BASE-T to 1000BASE-SX/LX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-103 Datasheet(HTML) 4 Page - Glenair, Inc.

  050-103 Datasheet HTML 1Page - Glenair, Inc. 050-103 Datasheet HTML 2Page - Glenair, Inc. 050-103 Datasheet HTML 3Page - Glenair, Inc. 050-103 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
47
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. Jan. 2013
050-103
10/100/1000BASE-T to 1000BASE-SX/LX
Media Converter with Mighty Mouse Connectors
Ratings and Specifications
Optical Distances
Protocol
cable type
Distance
Gigabit Ethernet (IEEE 802.3z, 1000BASE-LX, 1310nm FP)
Singlemode fiber, SmF, (9/125 µm)
10 Kilometers
Gigabit Ethernet (IEEE 802.3z, 1000BASE-SX, 850nm VCSEL)
multimode fiber, mmF, (50/125 µm)
multimode fiber, mmF, (62.5/125 µm)
550m
275m
Copper Link Distances
Protocol
cable type
Distance
Ethernet (IEEE 802.3, 10BASE-T)
Fast Ethernet (IEEE 802.3.u, 1000BASE-T)
Gigabit Ethernet (IEEE 802.3ab, 1000BASE-T)
TIA/EIA-568-B Cat 5E
100 meters
Military Specification Compliance
Feature
standard
condition
notes
mechanical Shock
mIL-STD-810
40g
6-9ms
mechanical Vibration
mIL-STD-810
30g rmS
18ms
ESD
mIL-STD-883
Class II
2200v
mating Durability
mIL-STD-38999/20
500 Cycles
<0.5 db change
Flame resistance
mIL-STD-1344
method 1012
30 Seconds
Damp Heat
mIL-STD-1344
10 Cycles
24 Hours
Power Supply Current @ 85 C Max. Operating Condition
Parameter
symbol
Max
unit
Supply Voltage
5 V
12 V
24 V
28 V
I
cc
630
230
110
95
mA
Absolute Maximum Rating
Parameter
symbol
Min
typ
Max
unit
Storage Temperature
T
s
-55
+100
°C
Operating Voltage
V
cc
-0.4
+40
V
Operating Conditions
Parameter
symbol
Min
typ
Max
unit
Operating Temperature
T
op
-40
+85
°C
Supply Voltages
V
cc
4.75
12
30
V
Optical Transmitter LX10
Parameter
sym
Min
type
Max
unit
Optical Output Power
1310nm Fabry-Perot
P
out
-5
-3
-1
dBm
Optical Wavelength
1310nm Fabry-Perot
λ
Out
1285
1310
1345
nm
Spectral Width
1310nm Fabry-Perot
Δλ
4
nm
Optical Receiver LX10
Parameter
sym
Min
type
Max
unit
receiver Input Sensitivity
Pin PD
P
in
-22
dBm
Optical Wavelength
1310nm Fabry-Perot
λ
In
1270
1310
1355
nm
Optical Transmitter SX
Parameter
sym
Min
type
Max
unit
Optical Output Power
850nm VCSEL
P
Out
-9
-6
-3
dBm
Optical Wavelength
850nm VCSEL
λ
Out
830
850
860
nm
Spectral Width
850nm VCSEL
Δλ
0.85
nm
Optical Receiver SX
Parameter
sym
Min
type
Max
unit
receiver Input Sensitivity
850nm
P
in
-20
dBm
Optical Wavelength
λ
In
830
850
860
nm
Ratings and Specifications


Similar Part No. - 050-103

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-101 GLENAIR-050-101 Datasheet
260Kb / 4P
   GigaBit Ethernet Copper to Fiber Media Converter
050-104 GLENAIR-050-104 Datasheet
264Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
More results

Similar Description - 050-103

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-104 GLENAIR-050-104 Datasheet
264Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
050_101 GLENAIR-050_101 Datasheet
260Kb / 4P
   1000BASE-T to 1000BASE-SX/LX media converter
logo
THOR communications
F-GET-TR THOR-F-GET-TR Datasheet
293Kb / 2P
   Gigabit 1000Base-T to SX/LX Converter
logo
Axiomtek Co., Ltd.
EL9000 AXIOMTEK-EL9000 Datasheet
564Kb / 4P
   Hardened 1000BASE-T to 1000BASE-SX/LX/BX Media Converter
logo
Glenair, Inc.
050_103 GLENAIR-050_103 Datasheet
207Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX10 Media Converter
050_104 GLENAIR-050_104 Datasheet
264Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX10 Active Cable
logo
Axiomtek Co., Ltd.
EL9100 AXIOMTEK-EL9100_17 Datasheet
819Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
EL9100 AXIOMTEK-EL9100 Datasheet
565Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
logo
Level One
GVT-2001 LVL1-GVT-2001 Datasheet
649Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX MMF SC Converter, 550m
logo
WAGO Kontakttechnik Gmb...
852-1417 WAGO-852-1417 Datasheet
360Kb / 7P
   Industrial-ECO-Switch; 5-port 1000Base-T; 2-Slot 1000BASE-SX/LX;
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com