Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-113 Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 050-113
Description  Media Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-113 Datasheet(HTML) 4 Page - Glenair, Inc.

  050-113 Datasheet HTML 1Page - Glenair, Inc. 050-113 Datasheet HTML 2Page - Glenair, Inc. 050-113 Datasheet HTML 3Page - Glenair, Inc. 050-113 Datasheet HTML 4Page - Glenair, Inc. 050-113 Datasheet HTML 5Page - Glenair, Inc. 050-113 Datasheet HTML 6Page - Glenair, Inc. 050-113 Datasheet HTML 7Page - Glenair, Inc. 050-113 Datasheet HTML 8Page - Glenair, Inc. 050-113 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
©2014 Glenair, Inc.
REV: 7
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 4 of 15
E-mail: sales@glenair.com
050-113
Media Converter, Single or Dual Channel, Panel Mount
10/100/1000BASE-T to Fiber Optic Ethernet (SX, LX10 or FX)
Connectors
NAME
Insert
Arrangement
Function
Media Converter
Mating PLUG
Connector
J1
D38999 Series III
MIL-STD-1560 Arrangement
15-35
Electrical Signal,
Status and Built In Test
(BIT),
& Power
D38999 Series III type
15-35
PIN CONTACTS, 22D
Generic PN
D38999/26#D35SN
Glenair PN
233-105-G6#15-35SN
SOCKET CONTACTS, 22D
J2
D38999 Series III
MIL-STD-1560 Arrangement
13-4
Fiber Optic Signal
D38999 Series III type,
13-4
PIN CONTACTS
LX10 CONFIGURATION:
SX or FX
CONFIGURATION:
Generic PN
D38999/26#C35SN
Glenair PN
180-091##06-13-4SN
SOCKET CONTACTS
LX10 CONFIGURATION
Glenair PN
181-001-126S
(M29504/5-4238)
SX CONFIGURATION
Glenair PN
181-001-126
(M29504/54239)
Note: # = Environmental Class (Material/Finish)


Similar Part No. - 050-113

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
   Media Converter
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
   Media Converter
050-115 GLENAIR-050-115 Datasheet
588Kb / 13P
   Media Converter
050-119 GLENAIR-050-119 Datasheet
635Kb / 15P
   4-Port Unmanaged Ethernet Switch
More results

Similar Description - 050-113

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_113 GLENAIR-050_113 Datasheet
627Kb / 15P
   Media Converter
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
   Media Converter
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
   Media Converter
050-115 GLENAIR-050-115 Datasheet
588Kb / 13P
   Media Converter
050_115 GLENAIR-050_115 Datasheet
588Kb / 13P
   Media Converter
logo
Bel Fuse Inc.
T2F-DTL002-24V BEL-T2F-DTL002-24V Datasheet
760Kb / 2P
   Media Converter
logo
Red Lion Controls. Inc
302MC REDLION-302MC Datasheet
440Kb / 3P
   Industrial Media Converter
102MC REDLION-102MC Datasheet
554Kb / 3P
   Industrial Media Converter
logo
Level One
FVS-GVS-3800 LVL1-FVS-GVS-3800 Datasheet
1Mb / 3P
   Ethernet Media Converter
logo
ORing Industrial Networ...
IMC-P111FX ORING-IMC-P111FX Datasheet
706Kb / 5P
   Fiber media converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com