Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-206 Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 050-206
Description  Dual-DVI Copper to Fiber Media Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-206 Datasheet(HTML) 4 Page - Glenair, Inc.

  050-206 Datasheet HTML 1Page - Glenair, Inc. 050-206 Datasheet HTML 2Page - Glenair, Inc. 050-206 Datasheet HTML 3Page - Glenair, Inc. 050-206 Datasheet HTML 4Page - Glenair, Inc. 050-206 Datasheet HTML 5Page - Glenair, Inc. 050-206 Datasheet HTML 6Page - Glenair, Inc. 050-206 Datasheet HTML 7Page - Glenair, Inc. 050-206 Datasheet HTML 8Page - Glenair, Inc. 050-206 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
©2014 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 4 of 15
E-mail: sales@glenair.com
050-206
Dual-DVI Copper to Fiber Media Converter
D38999 (Signal, BIT), D38999 (Power), D38999 (Fiber Optic)
Connectors
NAME
Insert
Arrangement
Function
Media Converter
Mating PLUG
Connector
J1
Electrical Signal,
Power, and Built In
Test (BIT)
D38999 Series III type,
19Q-18
14X SIZE 22D Pins
4X SIZE 8 QUADRAX
Pins (AS39029/119)
Generic PN
D38999/26#F18SN type
with Quadrax polarization
Glenair PN
257-606-G6##19-18SN
J2
Power
D38999 Series III type,
11-35
13X SIZE 22D Pins
Generic PN
D38999/26#B35SN
Glenair PN
233-105-G6##11-35SN
J3
Fiber Optic Signal
D38999 Series III
Insert Arrangement per
ARINC 801
CONTACTS
ARINC 801
L Configuration
S CONFIGURATION:
Glenair PN
180-159##06-15-6N-R
(D38999 Style Plug, ARINC
801 15-6 arrangement)
CONTACTS:
L CONFIGURATION (SMF)
Glenair PN
181-076-P-126S
126.0 micron, pull proof
design, SMF
S CONFIGURATION (MMF)
Glenair PN
181-076-P-126
126.0 micron, pull proof
design, MMF
Note: # = Environmental Class (Material/Finish)


Similar Part No. - 050-206

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-207 GLENAIR-050-207 Datasheet
713Kb / 13P
   4 Channel SMPTE
More results

Similar Description - 050-206

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_206 GLENAIR-050_206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050-501 GLENAIR-050-501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com