Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-304 Datasheet(PDF) 6 Page - Glenair, Inc.

Part # 050-304
Description  D38999 Series III Type Active Receptacle Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-304 Datasheet(HTML) 6 Page - Glenair, Inc.

  050-304 Datasheet HTML 1Page - Glenair, Inc. 050-304 Datasheet HTML 2Page - Glenair, Inc. 050-304 Datasheet HTML 3Page - Glenair, Inc. 050-304 Datasheet HTML 4Page - Glenair, Inc. 050-304 Datasheet HTML 5Page - Glenair, Inc. 050-304 Datasheet HTML 6Page - Glenair, Inc. 050-304 Datasheet HTML 7Page - Glenair, Inc. 050-304 Datasheet HTML 8Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
34
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. 06.19.15
050-304 CS Wall Mount, Clinch Nut
D38999 Series III Type Active Receptacle Connector
with Glenair Size 8 Opto-electronic Contacts
Table XI: Recommended Panel Cut-Out
Shell Size
Code
Shell Size
ØC
±.005
ØCC min
A
11
0.128 (3.3)
0.796 (20.2)
E
17
0.128 (3.3)
1.219 (31.0)
F
19
0.128 (3.3)
1.297 (32.9)
G
21
0.128 (3.3)
1.422 (36.1)
H
23
0.154 (3.9)
1.547 (39.3)
J
25
0.154 (3.8)
1.672 (42.5)
Table XII: Dimensions for Clinch Nut Receptacles
Shell Size
Code
Shell Size
F Thread
Per M38999/20
X Thread
KK sq
±.010
B
11
.7500-.1P-.3L-TS-2A
#4-40
1.200 (30.5)
E
17
1.875-.1P-.3L-TS-2A
#4-40
1.450 (36.8)
F
19
1.2500-.1P-.3L-TS-2A
#4-40
1.550 (39.4)
G
21
1.3750-.1P-.3L-TS-2A
#4-40
1.650 (41.9)
H
23
1.5000-.1P-.3L-TS-2A
#6-32
1.770 (45.0)
J
25
1.6250-.1P-.3L-TS-2A
#6-32
1.900 (48.3)
Active MIL-DTL-38999 type wall-mount clinch nut receptacle
1.380 MAX
X THREAD
F THREAD
RED COLOR BAND
R1
R1
.613±.010
(.175)
KK SQ
CS - Wall Mount, Clinch Nut (38999/20 Modified)
ø CC
RECOMMENDED PANEL CUT-OUT
FOR BACK PANEL MOUNTING
CS AND 00 WALL MOUNT
RECEPTACLES
(NOT TO SCALE)
R1 (REAR MOUNT)
R1 (REAR MOUNT)
R1 (FRONT MOUNT)
R1 (FRONT MOUNT)
Ø C
Ø C
ø DD
RECOMMENDED PANEL CUT-OUT
FOR FRONT PANEL MOUNTING
CS AND 00 WALL MOUNT
RECEPTACLES
(NOT TO SCALE)


Similar Part No. - 050-304

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-301 GLENAIR-050-301 Datasheet
367Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-303 GLENAIR-050-303 Datasheet
279Kb / 7P
   Opto-Electronic Transceiver
050-307 GLENAIR-050-307 Datasheet
359Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
logo
ITT Industries
050-307-7303229 ITT-050-307-7303229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-307-7304229 ITT-050-307-7304229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
More results

Similar Description - 050-304

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-343 GLENAIR-233-343 Datasheet
290Kb / 1P
   USB SuperSeal D38999 Series III Type Receptacles
233-341 GLENAIR-233-341 Datasheet
327Kb / 1P
   USB SuperSeal D38999 Series III Type Connectors
233-342 GLENAIR-233-342 Datasheet
287Kb / 1P
   USB SuperSeal D38999 Series III Type Receptacles
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
242-383A GLENAIR-242-383A Datasheet
187Kb / 2P
   MIL-DTL-38999 Series III Type TVS Connector Adapter
059_0001 GLENAIR-059_0001 Datasheet
208Kb / 2P
   D38999 Size 8 Cavity Adapter Kit
logo
Hamamatsu Corporation
E5771-01 HAMAMATSU-E5771-01_15 Datasheet
136Kb / 2P
   D-TYPE ACTIVE MODULE
logo
Hirose Electric
IC7-68PD-1.27DS-EJL HIROSE-IC7-68PD-1.27DS-EJL Datasheet
189Kb / 6P
   Single Slot Connector for PC Card Type III
logo
Glenair, Inc.
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com