Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-313 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 050-313
Description  Opto-Electronic Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-313 Datasheet(HTML) 3 Page - Glenair, Inc.

  050-313 Datasheet HTML 1Page - Glenair, Inc. 050-313 Datasheet HTML 2Page - Glenair, Inc. 050-313 Datasheet HTML 3Page - Glenair, Inc. 050-313 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
27
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. Aug. 2014
050-313
Opto-Electronic Transceiver
MIL-DTL-38999 Type 2.5mm ELIO® Compatible
100Mbps – 4.25Gbps
Power Supply Current Vcc = 3.14 to 3.46V
Parameter
Symbol
Min
Typ
Max
Unit
Supply Current
Icc
90
mA
Absolute Maximum Rating
Parameter
Symbol
Min
Typ
Max
Unit
Storage Temperature
Ts
-55
+100
°C
Supply Voltage
Vcc
-0.4
+4
V
Tx Disable Input Voltage
V Disable
-0.4
V
cc
V
Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Operating Temperature
Top
-40
+85
°C
Supply Voltages
Vcc
3.14
3.3
3.46
V
Differential Input Voltage
Vid
250
2200
mVp-p
Power Supply Noise
VccRipple
0.1
Vp-p
Electrical Pin Arrangement
Pin #
Symbol
Description
Logic
7
Tx
Disable
Transmit Disable (Input)
Logic “1” Input->Disable Transmitter Output
CMOS
Internal 5 – 10K Pullup
8
Vcc
Power Supply
9
GND
Signal Ground
10
Tx Fault
Transmitter Fault Indicator (Output)
Logic “1” Output->Transmitter Fault Condition
CMOS
Open Drain
11
Tx-
Transmitter Inverted Data (Input)
CML (Current Mode Logic)
12
Tx+
Transmitter Non-Inverted Data (Input)
CML (Current Mode Logic)
Optical Transmitter
Parameter
Symbol
Minimum
Typ
Maximum
Unit
Optical Output Power
Pout
-6.5
-1.5
dBm
Optical Wavelength
λout
830
850
860
nm
Spectral Width
Δλrms
0.85
nm
Extinction Ratio
Er
6.0
10
dB
Total Jitter
TJ
55
ps
Example Optical Link Distances
Protocol
Cable Type
Distance
Gigabit Ethernet
62.5/125µm, 200 MHZ*Km
50/125µm, 500 MHZ*Km
275 meters
550 meters
Ratings and specifications—Transmitter


Similar Part No. - 050-313

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-310-7603229 ITT-050-310-7603229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-310-7604229 ITT-050-310-7604229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-311-7503229 ITT-050-311-7503229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-311-7504229 ITT-050-311-7504229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
logo
Glenair, Inc.
050-315 GLENAIR-050-315 Datasheet
495Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results

Similar Description - 050-313

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_303 GLENAIR-050_303 Datasheet
279Kb / 7P
   Opto-Electronic Transceiver
050-303 GLENAIR-050-303 Datasheet
279Kb / 7P
   Opto-Electronic Transceiver
050_313 GLENAIR-050_313 Datasheet
290Kb / 4P
   Opto-Electronic Transceiver
logo
NEC
2P4M NEC-2P4M Datasheet
311Kb / 1P
   Opto-Electronic Devices(NEPOC)
logo
Glenair, Inc.
050_308 GLENAIR-050_308 Datasheet
426Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050_301 GLENAIR-050_301 Datasheet
367Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050_307 GLENAIR-050_307 Datasheet
359Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-301 GLENAIR-050-301 Datasheet
367Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-307 GLENAIR-050-307 Datasheet
359Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-308 GLENAIR-050-308 Datasheet
426Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com