Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-324 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 050-324
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-324 Datasheet(HTML) 2 Page - Glenair, Inc.

  050-324 Datasheet HTML 1Page - Glenair, Inc. 050-324 Datasheet HTML 2Page - Glenair, Inc. 050-324 Datasheet HTML 3Page - Glenair, Inc. 050-324 Datasheet HTML 4Page - Glenair, Inc. 050-324 Datasheet HTML 5Page - Glenair, Inc. 050-324 Datasheet HTML 6Page - Glenair, Inc. 050-324 Datasheet HTML 7Page - Glenair, Inc. 050-324 Datasheet HTML 8Page - Glenair, Inc. 050-324 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2015 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 2 of 15
E-mail: sales@glenair.com
050-324 Product Brief
PCB Mount Transceiver for Single Mode Fiber
100 Mbps – 2.5 Gbps, 3.3V
PCB Mount Fiber Optic Transceiver, 100M-2.5Gbps, SMF, 3.3V
Glenair 050-324, is a ruggedized harsh environment PCB mount Transceiver with
electrical and optical functionality equivalent to SFP transceivers but with mechanical
design that is suited to the harsh temperature and vibration environments found in the
Military, Aerospace, Railway, Oil and Gas, and Industrial applications. The PCB
mount optical transceivers also support optional Digital Monitoring Interface (DMI)
features in accordance with SFF 8472. The Transceiver is comprised of a transmitter
section and a receiver section that resides on a common package and interface with a
host board through a high speed electrical connector.
The transmitter section includes the Transmitter Optical Subassembly (TOSA) and
laser driver circuitry. The TOSA, containing an DFB (Distributed Feedback) Laser light
source, is located at the optical interface and mates with the GC optical connector. The
TOSA is driven by a laser driver, which converts differential logic signals into an analog
laser diode drive current. This laser driver circuit regulates the optical power at a
constant level provided the data pattern is DC balanced (for example 8B10B
encoding).
The receiver section includes the Receiver Optical Subassembly (ROSA) and
amplification/quantization circuitry. The ROSA, containing a PIN photodiode and trans-
impedance preamplifier, is located at the optical interface and mates with the GC
optical connector. The ROSA is mated to a limiting amplifier IC that provides post-
amplification and quantization. Also included is a Loss Of Signal (LOS) detection
circuit.
HOW TO ORDER
Table 1
Part Number Options
Part Number
Description
050-324-1-D
100Mbps-2.5Gbps, with DMI
KEY FEATURES/BENEFITS
SFP Compatible Electrical I/O signal levels
1310nm DFB lasers to support up to 2.5 Gbps
40km at 1.25Gbps
PIN PD to support high sensitivity up to 2.5 Gbps
Industry standard CML input and outputs that
make for simple integration on customer host PCB
Glenair Rugged GC Optical connector for high
shock and vibration applications.
Transceiver is securely mounted with screws to
PCB to ensure excellent shock and vibration
performance
High-Speed Electrical plug-in connector eliminates
the need for soldering & enables ease of servicing
Captive screws to simplify manufacturing logistics
and assembly
Compact Size: Approx. 0.8” x 0.9” x 0.5”
-40
°C to +85°C Operating Case Temperature
Glenair fiber jumpers connect from transceiver to
any Glenair Mil/Aero Fiber Optic Connector Style
Evaluation fixtures available
Digital Diagnostic and Monitoring (DMI) based on
SFF-8472, enables monitoring of:
o
Transmitted optical power
o
Received optical power,
o
Laser bias current,
o
Temperature
o
Supply voltage
APPLICATIONS
Harsh Environment such as: Airborne, Tactical,
Railway, Industrial, Oil and Gas and Shipboard
applications
o
Ethernet, Fibrechannel, 1x, 2x, 4x,
SFPDP


Similar Part No. - 050-324

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-324-7308229 ITT-050-324-7308229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-324-7309229 ITT-050-324-7309229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
More results

Similar Description - 050-324

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_352 GLENAIR-050_352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_354 GLENAIR-050_354 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-315 GLENAIR-050-315 Datasheet
495Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_342 GLENAIR-050_342 Datasheet
488Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050_333 GLENAIR-050_333 Datasheet
415Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT DUAL TRANSCEIVER
050-333 GLENAIR-050-333 Datasheet
415Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT DUAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com