Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-336 Datasheet(PDF) 9 Page - Glenair, Inc.

Part # 050-336
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT QUAD TRANSMITTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-336 Datasheet(HTML) 9 Page - Glenair, Inc.

Back Button 050-336 Datasheet HTML 5Page - Glenair, Inc. 050-336 Datasheet HTML 6Page - Glenair, Inc. 050-336 Datasheet HTML 7Page - Glenair, Inc. 050-336 Datasheet HTML 8Page - Glenair, Inc. 050-336 Datasheet HTML 9Page - Glenair, Inc. 050-336 Datasheet HTML 10Page - Glenair, Inc. 050-336 Datasheet HTML 11Page - Glenair, Inc. 050-336 Datasheet HTML 12Page - Glenair, Inc. 050-336 Datasheet HTML 13Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
©2014 Glenair, Inc.
REV: 5
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 9 of 13
E-mail: sales@glenair.com
050-336 Product Brief
PCB Mount Quad Transmitter
100 Mbps – 5 Gbps, MMF, 3.3V
Compliance prediction is the ability to determine if an optical transmitter is operating within its operating and
environmental requirements. The transmitter provides real-time access to its internal supply voltage and temperature,
allowing a host to identify potential component compliance issues.
Fault Isolation
The fault isolation feature allows a host to quickly pinpoint the location of a link failure, minimizing downtime. For optical
links, the ability to identify a fault at a local device, remote device or cable plant is crucial to speeding service of an
installation. PCB mount transmitter real-time monitors of Tx Bias, Tx Power, and Vcc, Temperature can be used to assess
local unit’s current operating conditions.
Component Monitoring
Component evaluation is another use of the PCB mount transmitter’s real-time monitors of Tx Bias, Tx Power and Vcc,
Temperature. Potential uses are as debugging aids for system installation and design, and transmitter parametric
evaluation for factory or field qualification. For example, temperature per module can be observed in high density
applications to facilitate thermal evaluation of systems that incorporate this PCB mount transmitter.


Similar Part No. - 050-336

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-330 GLENAIR-050-330 Datasheet
214Kb / 2P
   Glenair PCB Mount Dual Transmitter
050-331 GLENAIR-050-331 Datasheet
682Kb / 16P
   PC BOARD MOUNT DUAL-TRANSMITTER
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050-333 GLENAIR-050-333 Datasheet
415Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT DUAL TRANSCEIVER
050-334 GLENAIR-050-334 Datasheet
198Kb / 2P
   PCB Mount Dual Transceiver Evaluation Board Manual
More results

Similar Description - 050-336

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_336 GLENAIR-050_336 Datasheet
403Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT QUAD TRANSMITTER
050_337 GLENAIR-050_337 Datasheet
415Kb / 11P
   PRINTED CIRCUIT BOARD (PCB) MOUNT QUAD RECEIVER
050-337 GLENAIR-050-337 Datasheet
415Kb / 11P
   PRINTED CIRCUIT BOARD (PCB) MOUNT QUAD RECEIVER
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com