Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6451 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM6451
Description  Audio Variable Volume IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM6451 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SM6451BV
NIPPON PRECISION CIRCUITS—3
SPECIFICATIONS
Absolute Maximum Ratings
DVSS = AVSS = 0 V, DVDD = AVDD = VDD
Recommended Operating Conditions
DVSS = AVSS = 0 V, DVDD = AVDD = VDD
DC Characteristics
DVDD = AVDD = VDD = 2.5 to 3.6 V, VSS = 0 V, Ta = −40 to 85 °C
P arameter
Symbol
Rating
Unit
Supply voltage
V DD
−0.3 to 7.0
V
Input voltage
V IN
V SS − 0.3 to V DD + 0.3
V
P ow er dissipation
P D
150
m W
Storage temperature
T stg
−55 to 125
°C
Soldering temperature
T sld
255
°C
Soldering time
tsld
10
s
P arameter
Symbol
Rating
Unit
Supply voltage
V DD
2.5 to 3.6
V
Supply voltage deviation
D V DD − AV DD, DV SS − AV SS
±0.1
V
Operating temperature
Topr
−40 to 85
°C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
D VDD Current consumption
IDDD1
Data transfer stopped, MDT, MCK,
MLEN, RSTN, ADRS1, ADRS2 = V DD
0.2
1.0
µ A
IDDD2
ADRS1 = ADRS2 = 0V, 0.8 Vr m s
analog input, ATT = 0 d B , data transfer
active
0.4
1.0
m A
AVDD Current consumption
IDDA
1.9
5.5
m A
HIGH-level input voltage1
1.
M D T, MCK, MLEN, RSTN, ADRS1, ADRS2
V IH
0.7VDD
––
V
L O W -level input voltage1
V IL
0.3VDD
V
Input current1
IIL
V IN = 0 V
7 0
1 5 0
µ A
Input leakage current1
IIH
V IN = V DD
1.0
µ A


Similar Part No. - SM6451

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
   Audio Variable Volume IC
SM6451AT NPC-SM6451AT Datasheet
183Kb / 13P
   Audio Variable Volume IC
SM6451AV NPC-SM6451AV Datasheet
149Kb / 12P
   Audio Variable Volume IC
SM6451AVNIPPON NPC-SM6451AVNIPPON Datasheet
149Kb / 12P
   Audio Variable Volume IC
SM6451B NPC-SM6451B Datasheet
162Kb / 12P
   Audio Variable Volume IC
More results

Similar Description - SM6451

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6451AVNIPPON NPC-SM6451AVNIPPON Datasheet
149Kb / 12P
   Audio Variable Volume IC
SM6451B NPC-SM6451B Datasheet
162Kb / 12P
   Audio Variable Volume IC
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
   Audio Variable Volume IC
SM6452AM NPC-SM6452AM Datasheet
130Kb / 16P
   Audio Variable Volume ICs
logo
Sanyo Semicon Device
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
logo
SHENZHEN FUMAN ELECTRON...
TC3303 FUMAN-TC3303 Datasheet
354Kb / 7P
   3W-D stereo audio amplifier IC with volume control
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com