Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3842BGD8 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS3842BGD8
Description  Off-Line Current Mode PWM Control Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3842BGD8 Datasheet(HTML) 1 Page - ON Semiconductor

  CS3842BGD8 Datasheet HTML 1Page - ON Semiconductor CS3842BGD8 Datasheet HTML 2Page - ON Semiconductor CS3842BGD8 Datasheet HTML 3Page - ON Semiconductor CS3842BGD8 Datasheet HTML 4Page - ON Semiconductor CS3842BGD8 Datasheet HTML 5Page - ON Semiconductor CS3842BGD8 Datasheet HTML 6Page - ON Semiconductor CS3842BGD8 Datasheet HTML 7Page - ON Semiconductor CS3842BGD8 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
s
Very low Start Up Current
(300µA typ)
s
Optimized Off-line
Control
s
Internally Trimmed,
Temperature
Compensated Oscillator
s
Maximum Duty-cycle
Clamp
s
VREF stabilization before
Output Enable
s
Pulse-by-pulse Current
Limiting
s
Improved Undervoltage
Lockout
s
Double Pulse Suppression
s
1% Trimmed Bandgap
Reference
s
High Current Totem Pole
Output
Package Options
Off-Line Current Mode PWM Control Circuit
with Very Low Start Up Current
CS3842B/CS3843B
Description
Block Diagram
Absolute Maximum Ratings
1
COMP
2
3
4
VFB
Sense
OSC
VREF
VCC
VOUT
Gnd
8
7
6
5
8 Lead PDIP & SO Narrow
10
7
14
13
12
8
1
2
3
4
5
6
11
9
COMP
NC
VFB
NC
Sense
NC
OSC
VREF
NC
VCC
VCC Pwr
VOUT
Pwr Gnd
Gnd
14L SO Narrow
December, 2001 - Rev. 4
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.cherry–semi.com
The CS384XB provides all the neces-
sary features to implement off-line
fixed frequency current-mode control
with a minimum number of external
components. The family has been opti-
mized for very low start up current
(300µA, typ).
The CS384XB family incorporates a
precision temperature-controlled oscil-
lator with an internally trimmed dis-
charge current to minimize variations
in frequency. A precision duty-cycle
clamp eliminates the need for an exter-
nal oscillator when a 50% duty-cycle is
used. Duty-cycles of almost 100% are
possible. On board logic ensures that
VREF is stabilized before the output
stage is enabled. Ion-implant resistors
provide tighter control of undervoltage
lockout.
Other features include pulse-by-pulse
current limiting, and a high-current
totem pole output for driving capaci-
tive loads, such as the gate of a power
MOSFET. The output is LOW in the off
state, consistent with N-channel
devices.
These ICs are available in 8 and 14 lead
surface mount (SO) and 8 lead PDIP
packages.
Supply Voltage (ICC<30mA) ..........................................................Self Limiting
Supply Voltage (Low Impedance Source)...................................................30V
Output Current ...............................................................................................±1A
Output Energy (Capacitive Load) .................................................................5µJ
Analog Inputs (VFB, Sense) ............................................................-0.3V to 5.5V
Error Amp Output Sink Current...............................................................10mA
Lead Temperature Soldering
Wave Solder (through hole styles only) ...................10 sec. max, 260°C peak
Reflow (SMD styles only) ....................60 sec. max above 183°C, 230°C peak
VCC
Gnd
OSC
VFB
COMP
Sense
VREF
VOUT
Output
Enable
5V
Reference
Internal
Bias
NOR
S
R
PWM
Latch
Current
Sense
Comparator
Oscillator
1 V
R
2 R
VC
Error
Amplifier
+
2.50V
Set/
Reset
Undervoltage
Lock-out Circuit
34V
( ) Indicates CS-3843B
16V/10V
(8.4V/7.6V)
VCC Pwr
Pwr Gnd
REF


Similar Part No. - CS3842BGD8

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3842BGD8 CHERRY-CS3842BGD8 Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
More results

Similar Description - CS3842BGD8

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
ON Semiconductor
CS2842A ONSEMI-CS2842A Datasheet
273Kb / 10P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
July, 2006 ??Rev. 4
logo
Cherry Semiconductor Co...
CS2842A CHERRY-CS2842A Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
   Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
   Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
   Automotive Current Mode PWM Control Circuit
logo
ON Semiconductor
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com