Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECH8671-TL-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # ECH8671-TL-H
Description  P-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8671-TL-H Datasheet(HTML) 2 Page - ON Semiconductor

  ECH8671-TL-H Datasheet HTML 1Page - ON Semiconductor ECH8671-TL-H Datasheet HTML 2Page - ON Semiconductor ECH8671-TL-H Datasheet HTML 3Page - ON Semiconductor ECH8671-TL-H Datasheet HTML 4Page - ON Semiconductor ECH8671-TL-H Datasheet HTML 5Page - ON Semiconductor ECH8671-TL-H Datasheet HTML 6Page - ON Semiconductor ECH8671-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ECH8671
No. A1456-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--12
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--12V, VGS=0V
--10
μA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--6V, ID=--1mA
--0.4
--1.3
V
Forward Transfer Admittance
| yfs |
VDS=--6V, ID=--1.5A
2.7
4.6
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--1.5A, VGS=--4.5V
59
77
RDS(on)2
ID=--1A, VGS=--2.5V
90
126
RDS(on)3
ID=--0.5A, VGS=--1.8V
145
215
Input Capacitance
Ciss
VDS=--6V, f=1MHz
330
pF
Output Capacitance
Coss
110
pF
Reverse Transfer Capacitance
Crss
88
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
7.1
ns
Rise Time
tr
30
ns
Turn-OFF Delay Time
td(off)
31
ns
Fall Time
tf
32
ns
Total Gate Charge
Qg
VDS=--6V, VGS=--4.5V, ID=--3.5A
3.9
nC
Gate-to-Source Charge
Qgs
0.6
nC
Gate-to-Drain “Miller” Charge
Qgd
1.1
nC
Diode Forward Voltage
VSD
IS=--3.5A, VGS=0V
--0.85
--1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
ECH8671-TL-H
ECH8
3,000pcs./reel
Pb Free and Halogen Free
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --1.5A
RL=4Ω
VDD= --6V
VOUT
VIN
0V
--4.5V
VIN
ECH8671


Similar Part No. - ECH8671-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8671-TL-H SANYO-ECH8671-TL-H Datasheet
419Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ECH8671-TL-H

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com