Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC898121XA-MH Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC898121XA-MH
Description  Optical Image Stabilization / Controller & Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898121XA-MH Datasheet(HTML) 1 Page - ON Semiconductor

  LC898121XA-MH Datasheet HTML 1Page - ON Semiconductor LC898121XA-MH Datasheet HTML 2Page - ON Semiconductor LC898121XA-MH Datasheet HTML 3Page - ON Semiconductor LC898121XA-MH Datasheet HTML 4Page - ON Semiconductor LC898121XA-MH Datasheet HTML 5Page - ON Semiconductor LC898121XA-MH Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Publication Order Number :
LC898121XA/D
©
Semiconductor Components Industries, LLC, 2015
April 2015 - Rev. 2
ORDERING INFORMATION
See detailed ordering and shipping information on page 6 of this data sheet.
www.onsemi.com
LC898121XA
Overview
The LC898121XA is a system LSI integrating a digital signal
processing function for Optical Image Stabilization (OIS) and a
saturation-driven H bridge driver function.
Function
Digital signal processing
 Built-in digital servo circuit
 Built-in Gyro filter
 AD converter
 12bit
 Input 3ch
 Equipped with a sample-hold circuit
 DA converter
 8bit
 Output 2ch
 Built-in Serial I/F circuit
(4-wire SPI or 2-wire I
2C-Bus interface)
 Built-in Hall Bias circuit
 Built-in Hall Amp
 Built-in OSC (Oscillator)
 Typ. 48MHz
 Built-in LDO (Low Drop-Out regulator)
 Generation Logic Power (typ 1.8V)
 Digital Gyro I/F for the companies
(Please refer for the details)
CMOS LSI
Optical Image Stabilization (OIS)
Controller & Driver
* I
2C Bus is a trademark of Philips Corporation.
WLCSP40, 2.44x3.94
Motor Driver
 Saturation-drive H bridge 2ch
 IO max : 300mA
Package
 WLCSP40, 2.44mm  3.94mm,
thickness max 0.65mm
 Pb-Free / Halogen Free
Power Supply Voltage
 DA/VGA
: DAOPVDD = 2.6V to 3.6V
 AD
: ADVDD = 2.6V to 3.6V
 IO/OSC/LDO : DVDD30 = 2.6V to 3.6V
 Driver
: VM = 2.6V to 5.5V
 Core Logic
: Use built-in LDO/External VDD :
DVDD18 = 1.8V
10%


Similar Part No. - LC898121XA-MH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898122AXA-VH ONSEMI-LC898122AXA-VH Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898122XA-VH ONSEMI-LC898122XA-VH Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
More results

Similar Description - LC898121XA-MH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
LC898119XC ONSEMI-LC898119XC Datasheet
63Kb / 5P
   Optical Image Stabilization / Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898124EP3XC ONSEMI-LC898124EP3XC Datasheet
160Kb / 9P
   Optical Image Stabilization Controller & Driver integrating an on-chip 32-bit DSP
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com