Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC564 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74AC564
Description  Octal D-Type Latch with 3-State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC564 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74AC564 Datasheet HTML 1Page - ON Semiconductor MC74AC564 Datasheet HTML 2Page - ON Semiconductor MC74AC564 Datasheet HTML 3Page - ON Semiconductor MC74AC564 Datasheet HTML 4Page - ON Semiconductor MC74AC564 Datasheet HTML 5Page - ON Semiconductor MC74AC564 Datasheet HTML 6Page - ON Semiconductor MC74AC564 Datasheet HTML 7Page - ON Semiconductor MC74AC564 Datasheet HTML 8Page - ON Semiconductor MC74AC564 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Octal D-Type Latch
with 3-State Outputs
The MC74AC564/74ACT564 is a high-speed, low power octal
flip-flop with a buffered common Clock (CP) and a buffered
common Output Enable (OE).
The information presented to the D inputs is stored in the flip-flops
on the LOW-to-HIGH Clock (CP) transition.
The MC74AC564/74ACT564 device is functionally identical to
the MC74AC574/74ACT574, but with inverted outputs.
Inputs and Outputs on Opposite Sides of Package Allowing Easy
Interface with Microprocessors
Useful as Input or Output Port for Microprocessors
Functionally Identical to MC74AC574/74ACT574 but with Inverted
Outputs
3-State Outputs for Bus-Oriented Applications
Outputs Source/Sink 24 mA
′ACT564 Has TTL Compatible Inputs
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
O0
O1
O2
O3
O4
O5
O6
O7
CP
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
Figure 1. Pinout: 20−Lead Packages Conductors
(Top View)
PIN NAMES
D0−D7
Data Inputs
CP
Clock Pulse Input
OE
3-State Output Enable Input
O0−O7
3-State Outputs
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 5
1
Publication Order Number:
MC74AC564/D
MC74AC564
MC74ACT564
OCTAL D-TYPE
LATCH WITH
3-STATE OUTPUTS
N SUFFIX
CASE 738-03
PLASTIC
DW SUFFIX
CASE 751D-04
PLASTIC
Figure 2. LOGIC SYMBOL
O0 O1 O2 O3 O4 O5 O6 O7
D0 D1 D2 D3 D4 D5 D6 D7
CP
OE


Similar Part No. - MC74AC564

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC564DW MOTOROLA-MC74AC564DW Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC564N MOTOROLA-MC74AC564N Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - MC74AC564

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com