Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH6664-TL-W Datasheet(PDF) 2 Page - ON Semiconductor

Part # MCH6664-TL-W
Description  P-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6664-TL-W Datasheet(HTML) 2 Page - ON Semiconductor

  MCH6664-TL-W Datasheet HTML 1Page - ON Semiconductor MCH6664-TL-W Datasheet HTML 2Page - ON Semiconductor MCH6664-TL-W Datasheet HTML 3Page - ON Semiconductor MCH6664-TL-W Datasheet HTML 4Page - ON Semiconductor MCH6664-TL-W Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MCH6664
No. A2281-2/5
Gate to Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Forward Diode to Source Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
Drain to Source Voltage, VDS -- V
Drain Current, ID -- A
SW Time -- ID
IT16630
IT16631
0--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0.1
1.0
10
7
7
5
3
2
2
5
3
--0.1
--1.0
23
57
--10
7
--0.01
23
57
23
5
Ta=
--25
°C
VDS= --10V
--0.001
--0.01
2
VGS=0V
--0.01
--0.1
--1.0
23
57
23
57
--10
23
57
VDD= --15V
VGS= --10V
td(on)
td(off)
tf
IT16632
0--5
--10
3
7
5
7
5
3
2
100
1000
10
2
--30
--15
--20
--25
Ciss
Coss
Crss
IT16633
10
100
1.0
2
3
7
5
7
5
2
3
f=1MHz
t r
75°
C
25°
C
3
--0.1
7
5
2
3
7
5
2
3
7
7
5
--1.0
--10
2
3
5
gFS -- ID
0--2
--6--10
--16
--14
--4--8
--12
200
100
400
300
500
1000
700
800
900
600
0
200
600
400
800
1000
100
500
300
700
900
0
IT16671
IT16672
ID= --0.4A
--0.8A
Ta=25
°C
--60 --40 --20
020406080
100 120 140 160
VGS
= --4.0V
, ID=
--0.4A
VGS= -
-10.0V,
ID= --0.8A
VGS
= --4.5V
, ID=
--0.4A
ID --
VGS(th)
Gate to Source Voltage, VGS -- V
Drain to Source Voltage, VDS -- V
ID -- VDS
0
--1.6
--1.2
--1.4
--0.4
--0.8
--1.0
--0.2
--0.6
--0.4
--0.2
--0.6
0
--2.0
--1.6
--1.4
--1.8
--0.8
--1.2
--1.0
0--0.2
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
IT16626
0--1.0
--0.5
--1.5
--4.0
--2.5
--2.0
--3.5
--3.0
IT16627
VDS= --10V
VGS= --2.5V
--3.0V
--3.5V
Ta=25
°C


Similar Part No. - MCH6664-TL-W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6660 SANYO-MCH6660 Datasheet
484Kb / 6P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
MCH6660 ONSEMI-MCH6660 Datasheet
769Kb / 8P
   Complementary Dual Power MOSFET
December 2014 - Rev. 2
logo
Sanyo Semicon Device
MCH6660-TL-H SANYO-MCH6660-TL-H Datasheet
601Kb / 9P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
MCH6660-TL-H ONSEMI-MCH6660-TL-H Datasheet
769Kb / 8P
   Complementary Dual Power MOSFET
December 2014 - Rev. 2
MCH6660-TL-W ONSEMI-MCH6660-TL-W Datasheet
769Kb / 8P
   Complementary Dual Power MOSFET
December 2014 - Rev. 2
More results

Similar Description - MCH6664-TL-W

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com