Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDC5001T1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MDC5001T1
Description  Low Voltage Bias Stabilizer with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MDC5001T1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MDC5001T1 Datasheet HTML 4Page - ON Semiconductor MDC5001T1 Datasheet HTML 5Page - ON Semiconductor MDC5001T1 Datasheet HTML 6Page - ON Semiconductor MDC5001T1 Datasheet HTML 7Page - ON Semiconductor MDC5001T1 Datasheet HTML 8Page - ON Semiconductor MDC5001T1 Datasheet HTML 9Page - ON Semiconductor MDC5001T1 Datasheet HTML 10Page - ON Semiconductor MDC5001T1 Datasheet HTML 11Page - ON Semiconductor MDC5001T1 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MDC5001T1
http://onsemi.com
10
Figure 19. Class A Biasing of a Typical 890 MHz Depletion Mode GaAs FET Amplifier
Q3
MRF9811
Typ
Iout
ID = 15 mAdc
REGULATED VCC = 2.75 Vdc
6.8 nH
2.7 pF
1 K
6.1 pF
1000 pF
RF IN
12.5 nH
RF OUT
Vref = 2.085 Vdc
1000 pF
7−STEP DESIGN PROCEDURE
Step 1: Choose VCC (1.8 V Min to 10 V Max)
Step 2: Insure that Min VENBL is ≥ minimum indicated in Figures 5 and 6.
Step 3: Choose bias current, ID, and determine needed gate−source voltage, VGS.
Step 4: Choose Iout keeping in mind that too large an Iout can impair MDC5000 DVref/DTJ
performance (Figure 2) but too large an R6 can cause IDGO & IGSO to bias on the FET.
Step 5: Calculate R6 = (VGS + EGS)Iout
Step 6: From Figure 1, read Vref for VCC & Iout chosen
Step 7: Calculate Nominal R5 = (VCC − Vref)(ID + Iout). Tweak as desired.
RFC
R5
43 W
+
R6
22 K
EGS
5 Vdc
MDC5001
VCC (4)
GND (2) & (3)
Q1
Q2
+
VCC =
2.75 V
Q4
Vref (6)
Iout (1)
ENABLE
(5)
VENBL


Similar Part No. - MDC5001T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MDC5001T1 MOTOROLA-MDC5001T1 Datasheet
188Kb / 10P
   SILICON SMALLBLOCK INTEGRATED CIRCUIT
logo
Leshan Radio Company
MDC5001T1 LRC-MDC5001T1 Datasheet
357Kb / 10P
   Low Voltage Bias Stabilizer with Enable
logo
E-Tech Electronics LTD
MDC5001T1 ETL-MDC5001T1 Datasheet
654Kb / 10P
   Low Voltage Bias Stabilizer with Enable
More results

Similar Description - MDC5001T1

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MDC5001 ETL-MDC5001 Datasheet
654Kb / 10P
   Low Voltage Bias Stabilizer with Enable
logo
Leshan Radio Company
MDC5001T1 LRC-MDC5001T1 Datasheet
357Kb / 10P
   Low Voltage Bias Stabilizer with Enable
logo
Fairchild Semiconductor
KA33V FAIRCHILD-KA33V Datasheet
90Kb / 8P
   Voltage Stabilizer
logo
ON Semiconductor
KA33V ONSEMI-KA33V Datasheet
336Kb / 9P
   Voltage Stabilizer
July 2013 Rev. 1.1.0
logo
List of Unclassifed Man...
TCA530 ETC-TCA530 Datasheet
267Kb / 7P
   INTEGRATED VOLTAGE STABILIZER
logo
Semtech Corporation
SC1541 SEMTECH-SC1541 Datasheet
168Kb / 6P
   1.0A Low Dropout Voltage Regulator with Enable
SC1541 SEMTECH-SC1541_09 Datasheet
162Kb / 6P
   1.0A Low Dropout Voltage Regulator with Enable
logo
Acutechnology Semicondu...
BQ8211 ACUTECH-BQ8211 Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com