Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJW16010A Datasheet(PDF) 6 Page - ON Semiconductor

Part # MJW16010A
Description  NPN Silicon Power Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW16010A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MJW16010A Datasheet HTML 2Page - ON Semiconductor MJW16010A Datasheet HTML 3Page - ON Semiconductor MJW16010A Datasheet HTML 4Page - ON Semiconductor MJW16010A Datasheet HTML 5Page - ON Semiconductor MJW16010A Datasheet HTML 6Page - ON Semiconductor MJW16010A Datasheet HTML 7Page - ON Semiconductor MJW16010A Datasheet HTML 8Page - ON Semiconductor MJW16010A Datasheet HTML 9Page - ON Semiconductor MJW16010A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MJW16010A
http://onsemi.com
6
+15
150 Ω 100 Ω
100 µF
MTP8P10
MPF930
MPF930
MUR105
MJE210
150 Ω
500 µF
Voff
50 Ω
+10
MTP12N10
MTP8P10
RB1
RB2
A
1 µF
1 µF
Drive Circuit
*Tektronix AM503
*P6302 or Equivalent
Scope — Tektronix
7403 or Equivalent
T1 [
Lcoil (ICpk)
VCC
Note: Adjust Voff to obtain desired VBE(off) at Point A.
T1 adjusted to obtain IC(pk)
T1
+V
-V
0 V
A
*IB
*IC
L
T.U.T
.
1N4246GP
Vclamp
VCC
IC(pk)
VCE(pk)
VCE
IB
IC
IB1
IB2
VCEO(sus)
L = 10 mH
RB2 = ∞
VCC = 20 Volts
IC(pk) = 100 mA
Inductive Switching
L = 200
µH
RB2 = 0
VCC = 20 Volts
RB1 selected for desired IB1
RBSOA
L = 200
µH
RB2 = 0
VCC = 20 Volts
RB1 selected for desired IB1
Table 1. Inductive Load Switching
Figure 12. Inductive Switching Measurements
Figure 13. Peak Reverse Base Current
VBE(off), REVERSE BASE VOLTAGE (VOLTS)
0
10
8
7
6
IB1 = 2 A
01
2
3
5
IC = 10 A
TC = 25°C
tfi
trv
t, TIME
IC
90% IB1
IC(pk)
VCE(pk)
90% VCE(pk)
90% IC(pk)
10% VCE(pk)
10%
IC(pk) 2% IC
IB
tsv
tti
tc
VCE
9
4
3
5
2
1
4
1 A


Similar Part No. - MJW16010A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJW16010A MOTOROLA-MJW16010A Datasheet
362Kb / 10P
   POWER TRANSISTORS 15 AMPERES 500 VOLTS 125 AND 175 WATTS
logo
Inchange Semiconductor ...
MJW16010A ISC-MJW16010A Datasheet
105Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
MJW16010A NJSEMI-MJW16010A Datasheet
86Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - MJW16010A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com